Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7825 Datasheet (PDF) - Texas Instruments

ADS7825 Datasheet PDF - Texas Instruments
Part # ADS7825
Download  ADS7825 Download
File Size   367.58 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4 Channel, 16-Bit Sampling CMOS A/D Converter

ADS7825 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7825 Datasheet PDF - Texas Instruments

Part # ADS7825
Download  ADS7825 Click to download

File Size   367.58 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4 Channel, 16-Bit Sampling CMOS A/D Converter

ADS7825 Datasheet (HTML) - Texas Instruments


ADS7825 Product details

FEATURES
25ms max SAMPLING AND CONVERSION
SINGLE +5V SUPPLY OPERATION
PIN-COMPATIBLE WITH 12-BIT ADS7824
PARALLEL AND SERIAL DATA OUTPUT
28-PIN 0.3" PLASTIC DIP AND SOIC
±2.0 LSB max INL
50mW max POWER DISSIPATION
50mW POWER DOWN MODE
±10V INPUT RANGE, FOUR CHANNEL
MULTIPLEXER
CONTINUOUS CONVERSION MODE

DESCRIPTION
The ADS7825 can acquire and convert 16 bits to
within ±2.0 LSB in 25ms max while consuming only
50mW max. Laser-trimmed scaling resistors provide
the standard industrial ±10V input range and channelto-
channel matching of ±0.1%. The ADS7825 is a
low-power 16-bit sampling A/D with a four channel
input multiplexer, S/H, clock, reference, and a
parallel/serial microprocessor interface. It can be configured
in a continuous conversion mode to sequentially
digitize all four channels. The 28-pin ADS7825
is available in a plastic 0.3" DIP and in a SOIC, both
fully specified for operation over the industrial –40°C
to +85°C range.




Similar Part No. - ADS7825

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825 Datasheet
424Kb / 22P
4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825P BURR-BROWN-ADS7825P Datasheet
342Kb / 16P
4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825P TI1-ADS7825P Datasheet
424Kb / 22P
4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825PB BURR-BROWN-ADS7825PB Datasheet
342Kb / 16P
4 Channel, 16-Bit Sampling CMOS A/D Converter
More results


Similar Description - ADS7825

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
4 Channel, 16-Bit Sampling CMOS A/D Converter
ADC701 BURR-BROWN-ADC701 Datasheet
110Kb / 15P
16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
16-bit, 100kHz Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
47kHz, 16-bit Self-calibrating Sampling A/D Converter
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
4 Channel, 16-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
4 Channel, 12-Bit Sampling CMOS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com