Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7852 Datasheet (PDF) - Texas Instruments

ADS7852 Datasheet PDF - Texas Instruments
Part # ADS7852
Download  ADS7852 Download
File Size   437.79 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER

ADS7852 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7852 Datasheet PDF - Texas Instruments

Part # ADS7852
Download  ADS7852 Click to download

File Size   437.79 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER

ADS7852 Datasheet (HTML) - Texas Instruments


ADS7852 Product details

FEATURES
2.5V INTERNAL REFERENCE
8 INPUT CHANNELS
500kHz SAMPLING RATE
SINGLE 5V SUPPLY
±1LSB: INL, DNL
NO MISSING CODES
70dB SINAD
LOW POWER: 13mW
TQFP-32 PACKAGE

APPLICATIONS
DATA ACQUISITION
TEST AND MEASUREMENT
INDUSTRIAL PROCESS CONTROL
MEDICAL INSTRUMENTS

DESCRIPTION
The ADS7852 is an 8-channel, 12-bit Analog-to-Digital
(A/D) converter complete with sample-and-hold, internal 2.5V
reference and a full 12-bit parallel output interface. Typical
power dissipation is 13mW at 500kHz throughput rate. The
ADS7852 features both a nap mode and a sleep mode, further
reducing the power consumption to 2mW. The input range is
from 0V to twice the reference voltage. The reference voltage
can be overdriven by an external voltage.
The ADS7852 is ideal for multi-channel applications where
low power and small size are critical. Medical instrumentation,
high-speed data acquisition and laboratory equipment
are just a few of the applications that would take advantage of
the special features offered by the ADS7852. The ADS7852
is available in an TQFP-32 package and is fully specified and
ensured over the –40°C to +85°C temperature range.




Similar Part No. - ADS7852

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
387Kb / 19P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7852Y BURR-BROWN-ADS7852Y Datasheet
148Kb / 13P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852Y/250 TI1-ADS7852Y/250 Datasheet
379Kb / 18P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7852

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com