Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS805 Datasheet (PDF) - Texas Instruments

ADS805 Datasheet PDF - Texas Instruments
Part # ADS805
Download  ADS805 Download
File Size   498.97 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS805 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS805 Datasheet PDF - Texas Instruments

Part # ADS805
Download  ADS805 Click to download

File Size   498.97 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS805 Datasheet (HTML) - Texas Instruments


ADS805 Product details

FEATURES
HIGH SFDR: 74dB at 9.8MHz fIN
HIGH SNR: 68dB
LOW POWER: 300mW
LOW DLE: 0.25LSB
FLEXIBLE INPUT RANGE
OVER-RANGE INDICATOR

APPLICATIONS
STUDIO CAMERAS
IF AND BASEBAND DIGITIZATION
COPIERS
TEST INSTRUMENTATION

DESCRIPTION
The ADS805 is a 20MHz, high dynamic range, 12-bit, pipelined
Analog-to-Digital Converter ADC. This converter includes a
high-bandwidth track-and-hold that gives excellent spurious
performance up to and beyond the Nyquist rate. This highbandwidth,
linear track-and-hold minimizes harmonics and
has low jitter, leading to excellent Signal-to-Noise Ratio
(SNR) performance. The ADS805 is also pin-compatible with
the 10MHz ADS804 and the 5MHz ADS803.
The ADS805 provides an internal reference or an external
reference can be used. The ADS805 can be programmed for
a 2Vp-p input range which is the easiest to drive with a single
op amp and provides the best spurious performance. Alternatively,
the 5Vp-p input range can be used for the lowest
input-referred noise of 0.09LSBs rms giving superior imaging
performance. There is also the capability to set the input
range between 2Vp-p and 5Vp-p, either single-ended or
differential. The ADS805 also provides an over-range flag
that indicates when the input signal has exceeded the
converter’s full-scale range. This flag can also be used to
reduce the gain of the front end signal conditioning circuitry.
The ADS805 employs digital error techniques to provide
excellent differential linearity for demanding imaging applications.
Its low distortion and high SNR give the extra margin
needed for communications, medical imaging, video, and
test instrumentation applications. The ADS805 is available in
an SSOP-28 package.




Similar Part No. - ADS805

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
868Kb / 19P
ANALOG-TO-DIGITAL CONVERTER
ADS805 TI2-ADS805 Datasheet
502Kb / 21P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED NOVEMBER 2002
ADS805E TI1-ADS805E Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS805

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com