Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS807 Datasheet (PDF) - Texas Instruments

ADS807 Datasheet PDF - Texas Instruments
Part # ADS807
Download  ADS807 Download
File Size   501.54 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS807 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS807 Datasheet PDF - Texas Instruments

Part # ADS807
Download  ADS807 Click to download

File Size   501.54 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS807 Datasheet (HTML) - Texas Instruments


ADS807 Product details

FEATURES
SPURIOUS-FREE DYNAMIC RANGE:
82dB at 10MHz fIN
HIGH SNR: 67.5dB (2Vp-p), 69dB (3Vp-p)
LOW POWER: 335mW
INTERNAL OR EXTERNAL REFERENCE
LOW DNL: 0.5LSB
FLEXIBLE INPUT RANGE: 2Vp-p to 3Vp-p
SSOP-28 PACKAGE

APPLICATIONS
COMMUNICATIONS IF PROCESSING
COMMUNICATIONS BASESTATIONS
TEST EQUIPMENT
MEDICAL IMAGING
VIDEO DIGITIZING
CCD DIGITIZING

DESCRIPTION
The ADS807 is a high-speed, high dynamic range,
12-bit pipelined Analog-to-Digital (A/D) converter. This converter
includes a high-bandwidth track-and-hold that gives
excellent spurious performance up to and beyond the Nyquist
rate. The differential nature of this track-and-hold and A/D
converter circuitry minimizes even-order harmonics and gives
excellent common-mode noise immunity. The track-and-hold
can also be operated single-ended.
The ADS807 provides for setting the full-scale range of the
converter without any external reference circuitry. The internal
reference can be disabled allowing low drive, internal
references to be used for improved tracking in multichannel
systems.
The ADS807 provides an over-range indicator flag to indicate
an input signal that exceeds the full-scale input range of the
converter. This flag can be used to reduce the gain of front
end gain control circuitry. There is also an output enable pin
to allow for multiplexing and testability on a PC board.
The ADS807 employs digital error correction techniques to
provide excellent differential linearity for demanding imaging
applications.




Similar Part No. - ADS807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
logo
Burr-Brown (TI)
ADS807 BURR-BROWN-ADS807 Datasheet
225Kb / 15P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS807 TI1-ADS807 Datasheet
857Kb / 22P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807 TI1-ADS807 Datasheet
859Kb / 21P
ANALOG-TO-DIGITAL CONVERTER
ADS807E TI-ADS807E Datasheet
288Kb / 17P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
More results


Similar Description - ADS807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807 BURR-BROWN-ADS807 Datasheet
225Kb / 15P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS807 TI1-ADS807_14 Datasheet
857Kb / 22P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com