Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS820 Datasheet (PDF) - Texas Instruments

ADS820 Datasheet PDF - Texas Instruments
Part # ADS820
Download  ADS820 Download
File Size   451.73 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS820 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS820 Datasheet PDF - Texas Instruments

Part # ADS820
Download  ADS820 Click to download

File Size   451.73 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS820 Datasheet (HTML) - Texas Instruments


ADS820 Product details

FEATURES
NO MISSING CODES
INTERNAL REFERENCE
LOW DIFFERENTIAL LINEARITY ERROR:
0.2LSB
LOW POWER: 195mW
HIGH SNR: 60dB
WIDEBAND TRACK/HOLD: 65MHz

APPLICATIONS
SET-TOP BOXES
CABLE MODEMS
VIDEO DIGITIZING
CCD IMAGING
Camcorders
Copiers
Scanners
Security Cameras
IF AND BASEBAND DIGITIZATION

DESCRIPTION
The ADS820 is a low-power, monolithic 10-bit, 20MHz Analog-
to-Digital (A/D) converter utilizing a small geometry CMOS
process. This complete converter includes a 10-bit quantizer
with internal track-and-hold, reference, and a power down
feature. It operates from a single +5V power supply and can
be configured to accept either differential or single-ended
input signals.
The ADS820 employs digital error correction to provide excellent
Nyquist differential linearity performance for demanding
imaging applications. Its low distortion, high SNR, and high
oversampling capability give it the extra margin needed for
telecommunications and video applications.
This high performance converter is specified for AC and
DC-performance at a 20MHz sampling rate. The ADS820
is available in an SO-28 package.




Similar Part No. - ADS820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS8201 TI-ADS8201 Datasheet
522Kb / 33P
2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI-ADS8201 Datasheet
678Kb / 35P
2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results


Similar Description - ADS820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com