Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8322 Datasheet (PDF) - Texas Instruments

ADS8322 Datasheet PDF - Texas Instruments
Part # ADS8322
Download  ADS8322 Download
File Size   488.18 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8322 Datasheet PDF - Texas Instruments

Part # ADS8322
Download  ADS8322 Click to download

File Size   488.18 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8322 Datasheet (HTML) - Texas Instruments


ADS8322 Product details

1FEATURES
2• HIGH-SPEED PARALLEL INTERFACE
• 500kHz SAMPLING RATE
• LOW POWER: 85mW at 500kHz
• INTERNAL 2.5V REFERENCE
• UNIPOLAR INPUT RANGE
• TQFP-32 PACKAGE

APPLICATIONS
• CT SCANNERS
• HIGH-SPEED DATA ACQUISITION
• TEST AND INSTRUMENTATION
• MEDICAL EQUIPMENT

DESCRIPTION
The ADS8322 is a 16-bit, 500kHz analog-to-digital
(A/D) converter with an internal 2.5V reference. The
device includes a 16-bit capacitor-based successive
approximation register (SAR) A/D converter with
inherent sample-and-hold. The ADS8322 offers a full
16-bit interface, or an 8-bit option where data are
read using two read cycles and eight pins. The
ADS8322 is available in a TQFP-32 package and is
ensured over the industrial –40°C to +85°C
temperature range.




Similar Part No. - ADS8322

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322Y BURR-BROWN-ADS8322Y Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322Y/250 BURR-BROWN-ADS8322Y/250 Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8322Y/250 TI1-ADS8322Y/250 Datasheet
934Kb / 19P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8322

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com