Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8324 Datasheet (PDF) - Texas Instruments

ADS8324 Datasheet PDF - Texas Instruments
Part # ADS8324
Download  ADS8324 Download
File Size   507.59 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8324 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8324 Datasheet PDF - Texas Instruments

Part # ADS8324
Download  ADS8324 Click to download

File Size   507.59 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8324 Datasheet (HTML) - Texas Instruments


ADS8324 Product details

FEATURES
BIPOLAR INPUT RANGE
1.8V OPERATION
50kHz SAMPLING RATE
MICRO POWER:
5.0mW at 2.7V
2.5mW at 1.8V
POWER DOWN: 3μA max
MSOP-8 PACKAGE
PIN-COMPATIBLE TO 12-BIT ADS7817
SERIAL (SPI/SSI) INTERFACE

APPLICATIONS
BATTERY OPERATED SYSTEMS
REMOTE DATA ACQUISITION
ISOLATED DATA ACQUISITION
SIMULTANEOUS SAMPLING,
MULTI-CHANNEL SYSTEMS
INDUSTRIAL CONTROLS
ROBOTICS
VIBRATION ANALYSIS

DESCRIPTION
The ADS8324 is a 14-bit, sampling Analog-to-Digital (A/D)
converter with tested specifications using a 1.8V supply
voltage. It requires very little power, even when operating at
the full 50kHz data rate. At lower data rates, the high speed
of the device enables it to spend most of its time in the
power-down mode—the average power dissipation is less
than 1mW at 10kHz data rate.
The ADS8324 also features a synchronous serial (SPI/SSI
compatible) interface, and a differential input. The reference
voltage can be set to any level within the range of
500mV to VCC/2.
Ultra-low power and small size make the ADS8324 ideal
for portable and battery-operated systems. It is also a
perfect fit for remote data acquisition modules, simultaneous
multi-channel systems, and isolated data acquisition.
The ADS8324 is available in an MSOP-8 package.




Similar Part No. - ADS8324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324 Datasheet
740Kb / 20P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E TI-ADS8324E Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E TI1-ADS8324E Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E/250 TI-ADS8324E/250 Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8324

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com