Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8504 Datasheet (PDF) - Texas Instruments

ADS8504 Datasheet PDF - Texas Instruments
Part # ADS8504
Download  ADS8504 Download
File Size   464.33 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER

ADS8504 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8504 Datasheet PDF - Texas Instruments

Part # ADS8504
Download  ADS8504 Click to download

File Size   464.33 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER

ADS8504 Datasheet (HTML) - Texas Instruments


ADS8504 Product details

FEATURES
· 250-kHz Sampling Rate
· Standard ±10-V Input Range
· 73-dB SINAD With 45-kHz Input
· ±0.45 LSB Max INL
· ±0.45 LSB Max DNL
· 12 Bit No Missing Code
· ±1 LSB Bipolar Zero Errors
· ±0.4 PPM/°C Bipolar Zero Error Drift
· Single 5-V Supply Operation
· Pin-Compatible With ADS7804/05 (Low Speed)
and 16-Bit ADS8505
· Uses Internal or External Reference
· Full Parallel Data Output
· 70-mW Typ Power Dissipation at 250 KSPS
· 28-Pin SOIC Package

APPLICATIONS
· Industrial Process Control
· Data Acquisition Systems
· Digital Signal Processing
· Medical Equipment
· Instrumentation

DESCRIPTION
The ADS8504 is a complete 12-bit sampling A/D
converter using state-of-the-art CMOS structures. It
contains a complete 12-bit, capacitor-based, SAR
A/D with S/H, reference, clock, interface for
microprocessor use, and 3-state output drivers.
The ADS8504 is specified at a 250-kHz sampling
rate over the full temperature range. Precision
resistors provide an industry standard ±10-V input
range, while the innovative design allows operation
from a single +5-V supply, with power dissipation
under 100 mW.
The ADS8504 is available in a 28-pin SOIC package
and is fully specified for operation over the industrial
-40°C to 85°C temperature range.




Similar Part No. - ADS8504

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8504 TI2-ADS8504 Datasheet
467Kb / 25P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
REVISED JUNE 2007
logo
Burr-Brown (TI)
ADS8504IB BURR-BROWN-ADS8504IB Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8504IB TI2-ADS8504IB Datasheet
467Kb / 25P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
REVISED JUNE 2007
logo
Burr-Brown (TI)
ADS8504IBDW BURR-BROWN-ADS8504IBDW Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8504

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com