Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8515 Datasheet (PDF) - Texas Instruments

ADS8515 Datasheet PDF - Texas Instruments
Part # ADS8515
Download  ADS8515 Download
File Size   474.86 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER

ADS8515 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8515 Datasheet PDF - Texas Instruments

Part # ADS8515
Download  ADS8515 Click to download

File Size   474.86 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER

ADS8515 Datasheet (HTML) - Texas Instruments


ADS8515 Product details

1FEATURES
2• Standard ±10-V Input Range
• 90-dB Min SNR with 20-kHz Input
• ±2.0 LSB Max INL
• ±1 LSB Max DNL, 16 Bits, No Missing Code
• 5-V Analog Supply, Flexible I/O Supply Voltage
at 1.65 V to 5.25 V
• Pin-Compatible with ADS7805/10 (Low Speed),
and 12-Bit ADS7804/8504
• Uses Internal or External Reference
• Full Parallel Data Output
• 100-mW Typ Power Dissipation at 250 kSPS
• 28-Pin SSOP Package

APPLICATIONS
• Industrial Process Control
• Data Acquisition Systems
• Digital Signal Processing
• Medical Equipment
• Instrumentation

DESCRIPTION
The ADS8515 is a complete 16-bit sampling
analog-to-digital (A/D) converter using state-of-the-art
CMOS structures. It contains a complete 16-bit,
capacitor-based, SAR A/D converter with sample and
hold (S/H), reference, clock, interface for
microprocessor use, and 3-state output drivers.
The ADS8515 is specified at a 250-kHz sampling rate
over the full temperature range. Precision resistors
provide an industry standard ±10-V input range, while
the innovative design allows operation from a single
+5-V supply, with power dissipation under 100 mW.
The ADS8515 is available in a 28-pin SSOP package
and is fully specified for operation over the industrial
–40°C to 85°C temperature range.




Similar Part No. - ADS8515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515I TI-ADS8515I Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515IB TI-ADS8515IB Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515IBDB TI-ADS8515IBDB Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8515

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com