Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4405 Datasheet (PDF) - Texas Instruments

AFE4405 Datasheet PDF - Texas Instruments
Part # AFE4405
Download  AFE4405 Download
File Size   365.85 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing

AFE4405 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4405 Datasheet PDF - Texas Instruments

Part # AFE4405
Download  AFE4405 Click to download

File Size   365.85 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing

AFE4405 Datasheet (HTML) - Texas Instruments


AFE4405 Product details

1 Features
1• Transmitter:
– Supports Common Anode LED Configuration
– Dynamic Range: 100 dB
– 8-Bit Programmable LED Current to 50 mA
(Extendable to 100 mA)
– Programmable LED On-Time
– Simultaneous Support of 3 LEDs for Optimized
SpO2, HRM, or Multi-Wavelength HRM
• Receiver:
– Supports 2 Time-Multiplexed Photodiode
Inputs
– 24-Bit Representation of the Current Input from
the Photodiode in Twos Complement Format
– Individual DC Offset Subtraction DAC
(±15.75-μA Range) at TIA Input for Each LED,
Ambient
– Digital Ambient Subtraction at ADC Output
– Transimpedance Gain: 10 kΩ to 2 MΩ
– Dynamic Range: 100 dB
– Dynamic Power-Saving Mode to Reduce
Receiver Current to 200 μA
• Pulse Frequency: 5 SPS to 1000 SPS
• Flexible Pulse Sequencing and Timing Control
• Flexible Clock Options:
– External Clocking:
4-MHz to 60-MHz Input Clock
– Internal Clocking: 4-MHz Oscillator
• FIFO with 240 Sample Depth:
– Programmable Partitioning Across Phases
• I2C, SPI Interfaces: Selectable by Pin
• Operating Temperature Range: –20°C to +70°C
• 2.6-mm × 2.1-mm DSBGA, 0.4-mm Pitch
• Supplies: Rx: 2 V to 3.6 V, Tx: 3 V to 5.25 V,
IO: 1.8 V to 3.6 V

2 Applications
• Optical Heart-Rate Monitoring (HRM) for
Wearables, Hearables
• Heart-Rate Variability (HRV)
• Pulse Oximetry (SpO2) Measurements
• Maximum Oxygen Consumption (VO2 Max)
• Calorie Expenditure

3 Description
The AFE4405 is an analog front-end (AFE) for optical
bio-sensing applications, such as heart-rate
monitoring (HRM) and saturation of peripheral
capillary oxygen (SpO2). The device supports three
switching light-emitting diodes (LEDs) and up to two
photodiodes. The current from the photodiode is
converted into voltage by the transimpedance
amplifier (TIA) and digitized using an analog-to-digital
converter (ADC). The ADC code can be stored in a
240-sample first in, first out (FIFO) block with
programmable depth. The FIFO depth can be
partitioned to accommodate the phases that must be
stored. The FIFO can be read out using either an I2C
or a SPI interface. The AFE also has a fullyintegrated
LED driver with an 8-bit current control.
The device has a high dynamic range transmit-andreceive
circuitry that helps with the sensing of very
small signal levels.
To request a full data sheet or other design
resources: request AFE4405




Similar Part No. - AFE4405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4405YZR TI1-AFE4405YZR Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
More results


Similar Description - AFE4405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com