Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4410 Datasheet (PDF) - Texas Instruments

AFE4410 Datasheet PDF - Texas Instruments
Part # AFE4410
Download  AFE4410 Download
File Size   367.76 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4410 Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing

AFE4410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4410 Datasheet PDF - Texas Instruments

Part # AFE4410
Download  AFE4410 Click to download

File Size   367.76 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4410 Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing

AFE4410 Datasheet (HTML) - Texas Instruments


AFE4410 Product details

1 Features
1• Accurate, Continuous Heart-Rate Monitoring:
– Up to 100-dB Dynamic Range for Accurate
Heart-Rate Detection
– Low Current for Continuous Operation on a
Wearable Device With a Typical Value:
– 30 μA for an LED, 25 μA for the Receiver
• Transmitter:
– 4 LEDs in Common Anode Configurations
– 8-Bit Programmable LED Current to 200 mA
– Mode to Fire Two LEDs in Parallel
– Programmable LED On-Time
– Simultaneous Support of 3 LEDs for Optimized
SpO2, HRM, or Multiwavelength HRM
– Average Current of 30 μA Adequate for a
Typical Heart-Rate Monitoring Scenario:
– 20-mA Setting, 60-μs Pulse Duration,
25-Hz Sampling Rate
• Receiver:
– Supports 3 Time-Multiplexed PD Inputs
– 24-Bit Representation of Current Input From
PD in Two's-Complement Format
– Individual DC Offset Subtraction DAC
(Up to ±127-μA Range) at TIA Input for Each
LED, Ambient
– Digital Ambient Subtraction at ADC Output
– Transimpedance Gain: 10 kΩ to 2 MΩ
– Noise Filtering With Programmable Bandwidth
– Receiver Operates at Approximately 1-μA/Hz
Sampling Rate (Example, 25 μA at 25 Hz)
– Hardware Power-Down Mode: Approximately
0-μA Current
• Flexible Pulse Sequencing and Timing Control
• Clocking Via External Clock or Internal Oscillator
• FIFO With 128-Sample Depth:
– Programmable Partitioning Across Phases
• Pin-Selectable I2C, SPI Interface
• Operating Temperature Range: –20°C to +70°C
• 2.6-mm × 2.1-mm, 0.4-mm Pitch DSBGA Package
• Supplies:
– Tx: 3 V to 5.25 V
– Rx: 1.8 V to 1.9 V (LDO Bypass),
2.0 V to 3.6 V (LDO Enabled)
– IO: 1.7 V to Rx_SUP

2 Applications
• Optical Heart-Rate Monitoring (HRM) for
Wearables, Hearables
• Heart-Rate Variability (HRV)
• Pulse Oximetry (SpO2) Measurements
• Maximum Oxygen Consumption (VO2 Max)

3 Description
TheAFE4410is an analog front-end for optical
biosensing applications, such as heart rate monitoring
(HRM). The device supports a maximum of four
switching light-emitting diodes (LEDs) and a
maximum of three photodiodes (PDs). The electrical
current from the photodiode is converted into voltage
by the transimpedance amplifier (TIA) and digitized
using an analog-to-digital converter (ADC). The ADC
code is stored in a 128-sample first-in, first-out block
(FIFO) with programmable depth. The FIFO can be
read out using either an I2C interface or a serial
peripheral interface (SPI). The AFE also has a fully
integrated LED driver with 8-bit current control. The
device has high dynamic range transmit-and-receive
circuitry offering a dynamic range of up to 100 dB that
enables accurate heart ratesensing. The AFE
achieves extremely low current levels by operating an
ultralow power (ULP) mode set by using the
ENABLE_ULP register bit.




Similar Part No. - AFE4410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4410 TI1-AFE4410 Datasheet
137Kb / 7P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410 TI1-AFE4410 Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410YZR TI1-AFE4410YZR Datasheet
137Kb / 7P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410YZR TI1-AFE4410YZR Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410YZT TI1-AFE4410YZT Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
More results


Similar Description - AFE4410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4410 TI1-AFE4410 Datasheet
137Kb / 7P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410 TI1-AFE4410_17 Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com