Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4420 Datasheet (PDF) - Texas Instruments

AFE4420 Datasheet PDF - Texas Instruments
Part # AFE4420
Download  AFE4420 Download
File Size   369.73 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4420 Ultra-Small, Integrated AFE With FIFO for Multi-sensor Wearable, Optical Heart-rate Monitoring and Bio-sensing

AFE4420 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4420 Datasheet PDF - Texas Instruments

Part # AFE4420
Download  AFE4420 Click to download

File Size   369.73 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4420 Ultra-Small, Integrated AFE With FIFO for Multi-sensor Wearable, Optical Heart-rate Monitoring and Bio-sensing

AFE4420 Datasheet (HTML) - Texas Instruments


AFE4420 Product details

1 Features
1• Supports signal acquisition of up to 16 phases
• Flexible allocation of LEDs and PDs in each
phase
• Accurate, continuous heart-rate monitoring:
– Up to 100-dB dynamic range
– Low current for continuous operation on a
wearable device with a typical value
– 15 μA for an LED, 20 μA for the receiver
• Transmitter:
– Supports common anode LED configuration
– 8-Bit programmable LED current with range
adjustable from 50 mA to 200 mA
– Mode to fire two LEDs in parallel
– Programmable LED on-time
– Simultaneous support of 4 LEDs for optimized
SpO2, HRM, or multi-wavelength HRM
– Programmable control signals to extend
operation to 8 LEDs using external SPDT
switches
• Receiver:
– Supports 4 time-multiplexed photodiode inputs
– Individual DC offset subtraction DAC at TIA
input for each LED, ambient with 7-bit control
and range up to ±254 μA
– Transimpedance gain: 10 kΩ to 2 MΩ
– Digital ambient subtraction at ADC output to
suppress ambient tones
– Noise filtering with programmable bandwidth
• Supports external clock and internal oscillator
modes
• Automatic ambient cancellation mode (AACM) to
increase receiver dynamic range
• Two programmable GPIO pins with flexible
interrupt generation
• FIFO with 128-sample depth
• I2C, SPI interfaces: selectable by pin
• Operating temperature range: –40°C to +85°C
• 2.6-mm × 2.1-mm DSBGA, 0.4-mm pitch
• Supplies:
– Rx:
– 1.7 V to 1.9 V (LDO bypass)
– 1.9 V to 3.6 V (LDO enabled)
– Tx: 3 V to 5.5 V
– IO: 1.7 V to RX_SUP

2 Applications
• Optical heart-rate monitoring (HRM) for
wearables, hearables
• Heart-rate variability (HRV)
• Pulse oximetry (SpO2) measurements
• Maximum oxygen consumption (VO2 Max)
• Calorie expenditure

3 Description
The AFE4420 is an analog front-end for optical biosensing
applications, such as heart-rate monitoring
(HRM) and saturation of peripheral capillary oxygen
(SpO2). The device supports up to four switching
light-emitting diodes (LEDs) and up to four
photodiodes. Up to 16 signal phases can be defined
and the signal can be acquired from each phase in a
synchronized manner and stored in a 128-sample
First in, First out (FIFO) block. The FIFO can be read
out using either an I2C or a SPI interface. The AFE
also has a fully integrated LED driver with an 8-bit
current control. The device has a high dynamic range
transmit-and-receive circuitry that helps with the
sensing of very small signal levels.




Similar Part No. - AFE4420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420YZR TI1-AFE4420YZR Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420YZT TI1-AFE4420YZT Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
More results


Similar Description - AFE4420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com