Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5816 Datasheet (PDF) - Texas Instruments

AFE5816 Datasheet PDF - Texas Instruments
Part # AFE5816
Download  AFE5816 Download
File Size   458.96 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer

AFE5816 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5816 Datasheet PDF - Texas Instruments

Part # AFE5816
Download  AFE5816 Click to download

File Size   458.96 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer

AFE5816 Datasheet (HTML) - Texas Instruments


AFE5816 Product details

1 Features
• 16-channel, AFE for ultrasound applications:
– Input attenuator, LNA, LPF, ADC, and
CW mixer
– Optimized signal chains for TGC and CW
modes
– Digital time gain compensation (DTGC)
– Total gain range: 6dB to 45dB
– Linear input range: 1VPP
• Input attenuator with DTGC:
– 8dB to 0dB attenuation with 0.125dB step
– Supports matched impedance for:
• 50Ω to 800Ω source impedance
• Low-noise amplifier (LNA) with DTGC:
– 14dB to 45dB gain with 0.125dB step
– Low input current noise: 1.2pA/√ Hz
• 3rd-order, linear-phase, low-pass filter (LPF):
– 10MHz, 15MHz, 20MHz, and 25MHz
• Analog-to-digital converter (ADC) with
programmable resolution:
– 14-bit ADC: 75dBFS idle channel SNR at
65 MSPS
– 12-bit ADC: 72dBFS idle channel SNR at
80 MSPS
• LVDS interface with a maximum speed up to
1GBPS
• Optimized for noise and power:
– 90mW/Ch at 1nV/√ Hz, 65 MSPS, TGC mode
– 55mW/Ch at 1.45nV/√ Hz, 40 MSPS,
TGC mode
– 59mW/Ch, CW mode
• Excellent device-to-device gain matching:
– ±0.5dB (typical)
• Low harmonic distortion: –60dBc level
• Fast and consistent overload recovery
• Continuous wave (CW) path with:
– Passive mixer
– Low close-in phase noise of –148dBc/Hz
at 1kHz frequency
– Phase resolution: λ / 16
– Supports 16X, 8X, 4X, and 1X CW clocks
– 12dB suppression of 3rd and 5th harmonics
• Small package: 15mm × 15mm NFBGA-289

2 Applications
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipment
• Sonar Imaging Equipment
• Multichannel, High-Speed Data Acquisition

3 Description
The AFE5816 is a highly-integrated, analog front-end
(AFE) solution specifically designed for ultrasound
systems where high performance, low power, and
small size are required.




Similar Part No. - AFE5816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
AFE5816 TI2-AFE5816 Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
AFE5816ZAV TI1-AFE5816ZAV Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
More results


Similar Description - AFE5816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD16 TI-AFE58JD16_15 Datasheet
179Kb / 9P
AFE58JD16 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE58JD18 TI-AFE58JD18_15 Datasheet
846Kb / 12P
AFE58JD18 16-Channel, Ultrasound AFE with 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC,Passive CW Mixer, I/Q Demodulator, and LVDS, JESD204B Outputs
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE5828 TI1-AFE5828 Datasheet
147Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, LVDS Interface, and Passive CW Mixer
AFE5832 TI1-AFE5832 Datasheet
876Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer and LVDS Interface
AFE5832LP TI1-AFE5832LP Datasheet
178Kb / 8P
32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com