Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5818 Datasheet (PDF) - Texas Instruments

AFE5818 Datasheet PDF - Texas Instruments
Part # AFE5818
Download  AFE5818 Download
File Size   462.85 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer

AFE5818 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5818 Datasheet PDF - Texas Instruments

Part # AFE5818
Download  AFE5818 Click to download

File Size   462.85 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer

AFE5818 Datasheet (HTML) - Texas Instruments


AFE5818 Product details

1 Features
• 16-channel, complete analog front-end:
– LNA, VCAT, PGA, LPF, ADC, and CW mixer
• LNA with programmable gain:
– Gain: 24dB, 18dB, and 12dB
– Linear input range:
0.25VPP, 0.5VPP, and 1VPP
– Input-referred noise:
0.63nV/√Hz, 0.7nV/√Hz, and 0.9nV/√Hz
– Programmable active termination
• Voltage-controlled attenuator (VCAT): 40dB
• Programmable gain amplifier (PGA):
24dB and 30dB
• Total signal chain gain: 54dB (maximum)
• 3rd-order, linear-phase LPF:
– 10MHz, 15MHz, 20MHz, 30MHz, 35MHz, and
50MHz
• Analog-to-digital converter (ADC):
– 14-bit ADC: 75dBFS SNR at 65 MSPS
– 12-bit ADC: 72dBFS SNR at 80 MSPS
• LVDS interface maximum speed of 1Gbps
• Noise and power optimizations (full-channel):
– 140mW/Ch at 0.75nV/√Hz, 65 MSPS
– 91.5mW/Ch at 1.1nV/√Hz, 40 MSPS
– 80mW/Ch at CW mode
• Excellent device-to-device gain matching:
– ±0.5dB (typical) and ±1.1dB (maximum)
• Low harmonic distortion
• Fast and consistent overload recovery
• Passive mixer for CWD:
– Low close-in phase noise:
–156dBc/Hz at 1kHz off 2.5MHz carrier
– Phase resolution: λ / 16
– Supports 16X, 8X, 4X, and 1X CW clocks
– 12dB suppression on 3rd and 5th harmonics
– CWD high-pass filter rejects undesired lowfrequency
signals < 1kHz
• Small package: 15mm × 15mm NFBGA-289

2 Applications
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipment
• Sonar Imaging Equipment
• Multichannel, High-Speed Data Acquisition

3 Description
The AFE5818 is a highly-integrated, analog front-end
(AFE) solution specifically designed for ultrasound
systems where high performance and small size
are required. The device integrates a complete timegain-
control (TGC) imaging path and a continuous
wave Doppler (CWD) path. The device also allows
various power and noise combinations to be selected
to optimize system performance. Therefore, the
AFE5818 is a suitable ultrasound AFE solution for
high-end and portable systems




Similar Part No. - AFE5818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
16-Channel, Ultrasound, Analog Front-End
AFE5818 TI2-AFE5818 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5818 TI2-AFE5818 Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
AFE5818ZBV TI1-AFE5818ZBV Datasheet
2Mb / 156P
16-Channel, Ultrasound, Analog Front-End
AFE5818ZBV TI1-AFE5818ZBV Datasheet
871Kb / 12P
80-MSPS ADC, Passive CW Mixer, I/Q Demodulator
More results


Similar Description - AFE5818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE58JD16 TI-AFE58JD16_15 Datasheet
179Kb / 9P
AFE58JD16 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE58JD18 TI-AFE58JD18_15 Datasheet
846Kb / 12P
AFE58JD18 16-Channel, Ultrasound AFE with 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC,Passive CW Mixer, I/Q Demodulator, and LVDS, JESD204B Outputs
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE5828 TI1-AFE5828 Datasheet
147Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, LVDS Interface, and Passive CW Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com