Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7444 Datasheet (PDF) - Texas Instruments

AFE7444 Datasheet PDF - Texas Instruments
Part # AFE7444
Download  AFE7444 Download
File Size   430.03 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs

AFE7444 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7444 Datasheet PDF - Texas Instruments

Part # AFE7444
Download  AFE7444 Click to download

File Size   430.03 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs

AFE7444 Datasheet (HTML) - Texas Instruments


AFE7444 Product details

1 Features
1• Four, 14-bit, 9-GSPS DACs
– Up to 800-MHz signal bandwidth
– 1 DSA per channel tunes output power
• Four, 14-Bit, 3-GSPS ADCs
– Up to 800-MHz signal bandwidth
– NSD: –151 dBFS/Hz
– AC performance at fIN = 2.6 GHz, –3 dBFS
– SNR: 55 dBFS
– SFDR: 73 dBc HD2 and HD3
– SFDR: 91 dBc worst spur
– 2 DSA per channel extends dynamic range
– RF and digital power detectors
• RF frequency range: 10 MHz to 6 GHz
• Fast frequency hopping < 1 μs
• Receive digital signal path:
– dual DDC per ADC
– 3-phase coherent 32-bit NCOs per DDC
– Decimation ratio: 3x to 32x
• Transmit digital signal path:
– Dual DUC per DAC with 32-bit NCOs
– Interpolation ratio: 8x to 36x
– Sin(x)/x correction and configurable delay
– Power amplifier protection (PAP)
• JESD204B interface:
– 8 transceivers at up to 15 Gbps
– Subclass 1 multichip synchronization
• Clocks:
– Internal PLL and VCO with bypass option
– Clock output up to 3 GHz with clock divider
• DAC power dissipation: 1.7 W/ch at 9 GSPS
• ADC power dissipation: 1.8 W/ch at 3 GSPS
• Package: 17-mm x 17-mm FC BGA, 0.8-mm pitch

2 Applications
• Communications equipment and testers
• Wideband digitizers and waveform generators

3 Description
The AFE7444 is a quad-channel, wideband, RFsampling
analog front end (AFE) based on 14-bit, 9-
GSPS DACs and 14-bit, 3-GSPS ADCs. With
operation at an RF of up to 6 GHz, this device
enables direct RF sampling into the C-band
frequency range without the need for additional
frequency conversions stages. This improvement in
density and flexibility enables high-channel-count,
multimission systems.
The DAC signal paths support interpolation and
digital up conversion options that deliver up to 800
MHz of signal bandwidth. The differential output path
includes a digital step attenuator (DSA), which
enables tuning of output power.
Each ADC input path includes a dual DSA and RF
and Digital power detectors. Flexible decimation
options provide optimization of data bandwidth.
An 8-lane (8 TX + 8 RX) subclass-1 compliant
JESD204B interface operates at up to 15 Gbps. A
bypassable on-chip PLL simplifies clock operation
with an optional clock output.




Similar Part No. - AFE7444

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444IABJ TI1-AFE7444IABJ Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444IABJ TI1-AFE7444IABJ Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444IALK TI1-AFE7444IALK Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
More results


Similar Description - AFE7444

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com