Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-200-10-33Q-RDM-TR3 Datasheet (PDF) - ECS, Inc.

ECS-200-10-33Q-RDM-TR3 Datasheet PDF - ECS, Inc.
Part # ECS-200-10-33Q-RDM-TR3
Download  ECS-200-10-33Q-RDM-TR3 Download
File Size   1112.32 Kbytes
Page   2 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint. AEC-Q200 Qualified.

ECS-200-10-33Q-RDM-TR3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS-200-10-33Q-RDM-TR3 Datasheet PDF - ECS, Inc.

Part # ECS-200-10-33Q-RDM-TR3
Download  ECS-200-10-33Q-RDM-TR3 Click to download

File Size   1112.32 Kbytes
Page   2 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint. AEC-Q200 Qualified.

ECS-200-10-33Q-RDM-TR3 Datasheet (HTML) - ECS, Inc.


ECS-200-10-33Q-RDM-TR3 Product details

 Low Profile
 3.2 x 2.5 mm Footprint
 RoHS Compliant
 AEC-Q200 Qualified




Similar Part No. - ECS-200-10-33Q-RDM-TR3

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-10-37B-CKY-TR ECS-ECS-200-10-37B-CKY-TR Datasheet
418Kb / 2P
SMD CRYSTAL
Rev.2022
ECS-200-10-37QZ-AES-TR ECS-ECS-200-10-37QZ-AES-TR Datasheet
411Kb / 2P
SMD CRYSTAL
Rev.2022
More results


Similar Description - ECS-200-10-33Q-RDM-TR3

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-64A ECS-ECX-64A_17 Datasheet
575Kb / 2P
The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-1247Q ECS-ECX-1247Q_17 Datasheet
605Kb / 2P
The ECX-1247Q is a very compact SMD Crystal with a 1.6 x 1.2 mm footprint
ECX-33Q ECS-ECX-33Q_18 Datasheet
578Kb / 2P
The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
ECX-53 ECS-ECX-53_17 Datasheet
546Kb / 2P
The ECX-53 is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-53BQ ECS-ECX-53BQ_17 Datasheet
575Kb / 2P
The ECX-53BQ is a miniature SMD Crystal with a 3.2 x 5 mm
ECX-2236Q ECS-ECX-2236Q_17 Datasheet
616Kb / 2P
The ECX-2236Q is a miniature SMD Crystal with a 2.5 x 2.0 mm footprint
ECX-53B ECS-ECX-53B_17 Datasheet
571Kb / 2P
The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-64 ECS-ECX-64_17 Datasheet
545Kb / 2P
The ECX-64 is a miniature SMD Crystal with a 6 x 3.5 mm 4 pad footprint
ECX-1637Q ECS-ECX-1637Q_17 Datasheet
584Kb / 2P
The ECX-1637Q is a miniature SMD Crystal with a 2.0 x 1.6 mm footprint
ECX-34Q ECS-ECX-34Q_V01 Datasheet
310Kb / 2P
The ECX-34Q is a very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint. AEC-Q200 Qualified.
Rev.2022
More results




About ECS, Inc.


ECS, Inc. (Electronic Component Solutions) is a global electronic component manufacturer and supplier. The company offers a wide range of products, including crystals, oscillators, resonators, filters, and capacitors, to name a few. ECS, Inc. serves a variety of industries, including telecommunications, automotive, consumer electronics, and industrial applications.

The company was founded in 1980 and is headquartered in Olathe, Kansas, USA. ECS, Inc. has manufacturing facilities and sales offices located throughout the world, including the United States, China, Taiwan, and Singapore. With over 35 years of experience, ECS, Inc. has established itself as a leader in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com