Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0678H Datasheet (PDF) - Bel Fuse Inc.

0678H Datasheet PDF - Bel Fuse Inc.
Part # 0678H
Download  0678H Download
File Size   801.85 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Enhanced-breaking Capability Brick Fuse

0678H Datasheet (PDF)

Go To PDF Page Download Datasheet
0678H Datasheet PDF - Bel Fuse Inc.

Part # 0678H
Download  0678H Click to download

File Size   801.85 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Enhanced-breaking Capability Brick Fuse

0678H Datasheet (HTML) - Bel Fuse Inc.


0678H Product details

Features
- Enhanced – Breaking capacity
- Surface mount high current fuse
- Current rating from 500mA to 40A
- Wide operating temperature range from -55℃ to 125℃
- Tape & Reel for auto-insert SMD process
- Compatible with 260℃, IR Pb-free solder process
- RoHS compliant with exemption 7(a)
Full compliance with EU Directive 2011/65/EU and amending directive 2015/863 - Halogen Free, (MSL=1)
- AEC-Q Compliant
- Meets Bel automotive qualification* * - Largely based on internal AEC-Q test plan

Applications
- Voltage regulator module
- PC server
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- Power supply - DC-DC converter
- Mass storage systems




Similar Part No. - 0678H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0678H BEL-0678H Datasheet
1Mb / 4P
ENHANCED-BREAKING CAPABILITY BRICK FUSE
0678H0500-02 BEL-0678H0500-02 Datasheet
1Mb / 4P
ENHANCED-BREAKING CAPABILITY BRICK FUSE
0678H0500-02 BEL-0678H0500-02 Datasheet
1Mb / 4P
Enhanced-breaking Capability Brick Fuse
0678H0500-22 BEL-0678H0500-22 Datasheet
1Mb / 4P
Enhanced-breaking Capability Brick Fuse
0678H0500-XX BEL-0678H0500-XX Datasheet
1Mb / 4P
Enhanced-breaking Capability Brick Fuse
More results


Similar Description - 0678H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5ET BEL-5ET Datasheet
92Kb / 2P
Time-lag Fuse Series (High Surge-proof , Enhanced-breaking Capacity)
5SFP BEL-5SFP Datasheet
89Kb / 2P
Quick-acting Fuse Series (Low Breaking Capacity)
5ET BEL-5ET_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(HIGH SURGE-PROOF,ENHANCED-BREAKING CAPACITY)
logo
Littelfuse
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
Enhanced surge capability
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
Enhanced surge capability
logo
Bel Fuse Inc.
0678H BEL-0678H Datasheet
1Mb / 4P
ENHANCED-BREAKING CAPABILITY BRICK FUSE
0678H0500-XX BEL-0678H0500-XX Datasheet
1Mb / 4P
Enhanced-breaking Capability Brick Fuse
0680H BEL-0680H Datasheet
609Kb / 4P
Enhanced-breaking Capability Brick Fuse
Rev. 0680H May2022
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com