Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0678L Datasheet (PDF) - Bel Fuse Inc.

0678L Datasheet PDF - Bel Fuse Inc.
Part # 0678L
Download  0678L Download
File Size   566.27 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Medium Blow Fuse

0678L Datasheet (PDF)

Go To PDF Page Download Datasheet
0678L Datasheet PDF - Bel Fuse Inc.

Part # 0678L
Download  0678L Click to download

File Size   566.27 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Medium Blow Fuse

0678L Datasheet (HTML) - Bel Fuse Inc.


0678L Product details

Features
Medium blow, Surface mount high current fuse
Current rating from 10A to 30A
Wide operating temperature range from -55℃ to 125℃
Tape & Reel for auto-insert SMD process
Compatible with 260℃, IR Pb-free solder process
RoHS compliant with exemption 7(a)
Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
Halogen Free, (MSL=1)
AEC-Q Compliant
Meets Bel automotive qualification* * - Largely based on internal AEC-Q test plan

Applications
Voltage regulator module
PC server
Office electronic equipment
Industrial equipment
Medical equipment
POE, POE+
Power supply
DC-DC converter




Similar Part No. - 0678L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0678L BEL-0678L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678L9100-02 BEL-0678L9100-02 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678L9100-02 BEL-0678L9100-02 Datasheet
804Kb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678L9100-22 BEL-0678L9100-22 Datasheet
804Kb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678L9100-XX BEL-0678L9100-XX Datasheet
804Kb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
More results


Similar Description - 0678L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST375 BEL-SST375 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
SMM BEL-SMM Datasheet
365Kb / 2P
Square Ceramic Surface Mount Medium Blow Fuse
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0678L BEL-0678L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678D BEL-0678D Datasheet
1Mb / 4P
SQUARE CERAMIC SURFACE MOUNT FAST BLOW FUSE
0678D0500-XX BEL-0678D0500-XX Datasheet
1,017Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0678L9100-XX BEL-0678L9100-XX Datasheet
804Kb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0680L BEL-0680L Datasheet
841Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com