Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0679L Datasheet (PDF) - Bel Fuse Inc.

0679L Datasheet PDF - Bel Fuse Inc.
Part # 0679L
Download  0679L Download
File Size   654.86 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Quick Acting Fuse

0679L Datasheet (PDF)

Go To PDF Page Download Datasheet
0679L Datasheet PDF - Bel Fuse Inc.

Part # 0679L
Download  0679L Click to download

File Size   654.86 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Quick Acting Fuse

0679L Datasheet (HTML) - Bel Fuse Inc.


0679L Product details

Features
- Quick Acting, 2410 SMD
- Compatible with 260℃, IR Pb-free solder process
- Wide range of current rating from 250mA to 20A
- Wide operating temperature range, -55℃ to 125℃
- Tape & Reel for auto-insert SMD process
- AEC-Q Compliant - RoHS compliant with exemption 7(a)
Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free, (MSL = 1)
- Meets Bel automotive qualification* *
- Largely based on internal AEC-Q test plan

Applications
- Notebook
- LCD monitor
- PC computer - Office electronic equipment - Industrial equipment
- Medical equipment - POE, POE+
- LCD / LED monitor
- Power supply
- LCD / LED TV




Similar Part No. - 0679L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0679L BEL-0679L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-01 BEL-0679L0250-01 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-01 BEL-0679L0250-01 Datasheet
895Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-02 BEL-0679L0250-02 Datasheet
895Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-11 BEL-0679L0250-11 Datasheet
895Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
More results


Similar Description - 0679L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ250 BEL-SSQ250 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Quick Acting Fuse
2JQ BEL-2JQ Datasheet
99Kb / 2P
Quick Acting Fuse Series
SSQ250 BEL-SSQ250_1 Datasheet
435Kb / 2P
SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ BEL-SSQ_12 Datasheet
649Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
QUICK ACTING FUSE SERIES
0679H BEL-0679H Datasheet
1Mb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L BEL-0679L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H_17 Datasheet
1Mb / 4P
SQUARE CERAMIC SURFACE MOUNT QUICK ACTING FUSE
0679H0250-XX BEL-0679H0250-XX Datasheet
910Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-XX BEL-0679L0250-XX Datasheet
895Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com