Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPM0106 Datasheet (PDF) - Qorvo, Inc

QPM0106 Datasheet PDF - Qorvo, Inc
Part # QPM0106
Download  QPM0106 Download
File Size   660.98 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1.0 – 6.0 GHz 35 W GaN Power Amplifier

QPM0106 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPM0106 Datasheet PDF - Qorvo, Inc

Part # QPM0106
Download  QPM0106 Click to download

File Size   660.98 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1.0 – 6.0 GHz 35 W GaN Power Amplifier

QPM0106 Datasheet (HTML) - Qorvo, Inc


QPM0106 Product details

Applications
• Electronic Warfare
• Radar
• Test Instrumentation
• Communications
Key Features
• Frequency Range: 1 – 6 GHz
• PSAT : 45.4 dBm (PIN = 23 dBm)
• PAE: 41% (PIN = 23 dBm)
• Power Gain: 22.4 dB (PIN = 23 dBm)
• Small Signal Gain: 30.2 dB
• Bias: VD = 24 V, IDQ = 2044 mA
• Package Dimensions: 15.24 x 15.24 x 3.51 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.




Similar Part No. - QPM0106

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
Low Power Dissipation
logo
TriQuint Semiconductor
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
2 -20 GHz Limiter/Low-Noise Amplifier
logo
Qorvo, Inc
QPM1000 QORVO-QPM1000 Datasheet
654Kb / 12P
2 – 20 GHz Limiter/Low-Noise Amplifier
July 2024
QPM1000EVB01 QORVO-QPM1000EVB01 Datasheet
654Kb / 12P
2 – 20 GHz Limiter/Low-Noise Amplifier
July 2024
QPM1000TR7 QORVO-QPM1000TR7 Datasheet
654Kb / 12P
2 – 20 GHz Limiter/Low-Noise Amplifier
July 2024
More results


Similar Description - QPM0106

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2239 TRIQUINT-TGA2239_15 Datasheet
681Kb / 15P
13 15.5 GHz 35 W GaN Power Amplifier
logo
Cree, Inc
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
logo
Analog Devices
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
TGA2307 QORVO-TGA2307 Datasheet
567Kb / 16P
5.0 ??6.0 GHz 50 W GaN Power Amplifier
TGA2239 QORVO-TGA2239 Datasheet
535Kb / 15P
13 ??15.5 GHz 35 W GaN Power Amplifier
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
WOLFSPEED, INC.
CMPA2060035D WOLFSPEED-CMPA2060035D Datasheet
400Kb / 8P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.1 April 2020
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com