Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2013SQ Datasheet (PDF) - Qorvo, Inc

RFSA2013SQ Datasheet PDF - Qorvo, Inc
Part # RFSA2013SQ
Download  RFSA2013SQ Download
File Size   2279.56 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description VOLTAGE CONTROLLED ATTENUATOR

RFSA2013SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSA2013SQ Datasheet PDF - Qorvo, Inc

Part # RFSA2013SQ
Download  RFSA2013SQ Click to download

File Size   2279.56 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description VOLTAGE CONTROLLED ATTENUATOR

RFSA2013SQ Datasheet (HTML) - Qorvo, Inc


RFSA2013SQ Product details

Features
 Patented Circuit Architecture
 Broadband 50MHz to 6000MHz
Frequency Range
 30dB Attenuation Range
 +50dBm IIP3 Typical
 +80dBm IIP2 Typical
 High 1dB Compression
Point >+30dBm
 Low Supply Current 1mA Typical
 5V Power Supply
 Linear in dB Control
Characteristic
 Internal Temperature
Compensation
 Class 1C ESD (1000V)
 3.3V Version Available
(RFSA2023)
 Complete Solution in a Small
3mm x 3mm, QFN Package
Applications
 Cellular, 3G Infrastructure
 WiBro, WiMax, LTE
 Microwave Radio
 High Linearity Power Control




Similar Part No. - RFSA2013SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2013SQ RFMD-RFSA2013SQ Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
More results


Similar Description - RFSA2013SQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
G2_SMG2 MA-COM-G2_SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
G30_SMG30 MA-COM-G30_SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
G40_SMG40 MA-COM-G40_SMG40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1_15 Datasheet
741Kb / 4P
Voltage-Controlled Attenuator Module
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
logo
Qorvo, Inc
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
Voltage Controlled Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com