Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08650115 Datasheet (PDF) - Molex Electronics Ltd.

08650115 Datasheet PDF - Molex Electronics Ltd.
Part # 08650115
Download  08650115 Download
File Size   82.93 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG

08650115 Datasheet (PDF)

Go To PDF Page Download Datasheet
08650115 Datasheet PDF - Molex Electronics Ltd.

Part # 08650115
Download  08650115 Click to download

File Size   82.93 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG

08650115 Datasheet (HTML) - Molex Electronics Ltd.


08650115 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for 3.96mm Pitch
KK Crimp Terminals, 24-18 AWG
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name KK
Tool Type Hand Crimp Tool
UPC 191128862158
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 08650115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08650110 MOLEX-08650110 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
08650116 MOLEX-08650116 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
08650117 MOLEX-08650117 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
More results


Similar Description - 08650115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-3600 MOLEX11-63819-3600 Datasheet
37Kb / 1P
Hand Tool for 3.96mm Crimp Terminals, 18-20 AWG Wire
0638193600 MOLEX-0638193600 Datasheet
34Kb / 2P
Hand Tool for 3.96mm Crimp Terminals, 18-20 AWG Wire
11/02/2021
ATS-6382369HM MOLEX-ATS-6382369HM Datasheet
412Kb / 7P
Hand Crimp Tool for Mini KK Crimp Terminals
08-10-17
6382795HM MOLEX-6382795HM Datasheet
902Kb / 9P
Hand Crimp Tool For 3.96MM (.156) Pitch KK Crimp Terminals
02-16-18
6382803HM MOLEX-6382803HM Datasheet
775Kb / 7P
Hand Crimp Tool For 3.96MM (.156?? Pitch KK Crimp Terminals
2-27-18
2002184200 MOLEX-2002184200 Datasheet
31Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals, 22-24 AWG
11/02/2021
638280300 MOLEX-638280300 Datasheet
775Kb / 7P
Hand Crimp Tool For 3.96MM (.156) Pitch KK Crimp Terminals
02-27-18
0638116500 MOLEX-0638116500 Datasheet
34Kb / 1P
PremiumGrade Hand Crimp Tool for SPOX Terminals, 18-24 AWG
08/26/2022
0638279500 MOLEX-0638279500 Datasheet
24Kb / 3P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-24 AWG
08/25/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com