Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

530W Datasheet (PDF) - Sealevel Systems, Inc.

530W Datasheet PDF - Sealevel Systems, Inc.
Part # 530W
Download  530W Download
File Size   661.45 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Wi-Fi 802.11b/g Modbus TCP to 16 Isolated Inputs / 16 Open-Collector Outputsr

530W Datasheet (PDF)

Go To PDF Page Download Datasheet
530W Datasheet PDF - Sealevel Systems, Inc.

Part # 530W
Download  530W Click to download

File Size   661.45 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Wi-Fi 802.11b/g Modbus TCP to 16 Isolated Inputs / 16 Open-Collector Outputsr

530W Datasheet (HTML) - Sealevel Systems, Inc.


530W Product details

Features
• Complies with 802.11g and 802.11b (2.4GHz) networking standards
• Wireless security supports WEP, WPA-TKIP, and WPA2-AES encryption
standards
• 16 optically isolated inputs
• 16 open collector outputs
• Removable screw terminals simplify field wiring
• Status indicator LEDs for Communication, Fault, and Power
• Input power via terminal block or modular connector
• Optional DIN rail or table mount
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems




Similar Part No. - 530W

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
530 INTEL-530 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
530 INTEL-530 Datasheet
481Kb / 27P
Intel짰 Solid-State Drive 530 Series (2.5-inch)
April 2015
logo
France Joint
530 FRANCEJOINT-530 Datasheet
769Kb / 4P
PISTON SEALS
logo
Wiha Tools
530 WIHA-530 Datasheet
524Kb / 2P
Wiha SoftFinish®. The Specialist for Dry & General Applications.
logo
Walther-Werke
530 WALTHER-530 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 530W

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-ZGWIFI FREESCALE-TWR-ZGWIFI Datasheet
847Kb / 1P
Tower System 802.11b Wi-Fi Module
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
logo
DB Lectro Inc
PS110W DBLECTRO-PS110W Datasheet
468Kb / 2P
Connects legacy serial devices to 802.11b/g Wi-Fi or 10/100Base-T
logo
Advantech Co., Ltd.
ADAM-6052 ADVANTECH-ADAM-6052_14 Datasheet
1Mb / 2P
16-ch Source-type Isolated Digital I/O Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Input Modbus TCP Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
logo
Texas Instruments
CC3000 TI1-CC3000_16 Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
logo
Telit loT Solutions
WE866A1-P TELIT-WE866A1-P Datasheet
656Kb / 2P
Wi-Fi IEEE 802.11b/g/n Embedded
logo
Advantech Co., Ltd.
SE316-T ADVANTECH-SE316-T Datasheet
950Kb / 3P
Monitored Ethernet Switch 16 port, SNMP, Modbus/TCP
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com