Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PU3JFSH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

PU3JFSH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # PU3JFSH
Download  PU3JFSH Download
File Size   439.15 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 600V Ultra Fast Surface Mount Rectifier

PU3JFSH Datasheet (PDF)

Go To PDF Page Download Datasheet
PU3JFSH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # PU3JFSH
Download  PU3JFSH Click to download

File Size   439.15 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 600V Ultra Fast Surface Mount Rectifier

PU3JFSH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


PU3JFSH Product details

FEATURES
AEC-Q101 qualified
Planar technology
Low power loss, high efficiency
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
DC to DC converter
Automotive application
Car lighting
Snubber
Freewheeling application




Similar Part No. - PU3JFSH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PU3JAH TSC-PU3JAH Datasheet
431Kb / 5P
3A, 600V Ultra Fast Surface Mount Rectifier
Version: A2409
PU3JBH TSC-PU3JBH Datasheet
438Kb / 5P
3A, 600V Ultra Fast Surface Mount Rectifier
Version: A2409
PU3JCH TSC-PU3JCH Datasheet
425Kb / 5P
3A, 600V Ultra Fast Surface Mount Rectifier
Version: A2409
More results


Similar Description - PU3JFSH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ES3A-LFR FRONTIER-ES3A-LFR Datasheet
128Kb / 2P
3A FAST EFFICIENT SURFACE MOUNT RECTIFIER
MURS305 FRONTIER-MURS305 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS305-LFR FRONTIER-MURS305-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A FRONTIER-US3A Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
ES3AB TSC-ES3AB Datasheet
337Kb / 8P
3A, 50V - 600V Surface Mount Super Fast Rectifier
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
3A, 200V Surface Mount Ultra Fast Rectifier
MUR420SH TSC-MUR420SH Datasheet
573Kb / 6P
4A, 200V - 600V Ultra Fast Surface Mount Rectifier
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
3A, 50V - 600V Ultra Fast Surface Mount Rectifier
MUR105SH TSC-MUR105SH Datasheet
435Kb / 7P
1A, 50V - 600V Ultra Fast Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com