Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2028 Datasheet (PDF) - Texas Instruments

BQ2028 Datasheet PDF - Texas Instruments
Part # BQ2028
Download  BQ2028 Download
File Size   419.5 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor

BQ2028 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2028 Datasheet PDF - Texas Instruments

Part # BQ2028
Download  BQ2028 Click to download

File Size   419.5 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor

BQ2028 Datasheet (HTML) - Texas Instruments


BQ2028 Product details

1FEATURES
• Serial Non-Volatile Memory (NVM)
– 512 Byte (4Kb) EEPROM
– Provides Battery Pack NVM storage for
bq27505-E1 Fuel Gauge:
– Manufacturing Data
– Operational History
– Resistance Tables
– State of Health Information
• Single Wire HDQ Communications Port
• Integrated 2.5V LDO Linear Regulator
– Ultra-low power “shutdown” mode (1μA
Typical) via auto-timeout and/or host
command
– Wake up from shutdown via HDQ break
• Internal Die-Temperature Sensor
– ±5°C Range = –40°C to 85°C
– Raw AD to Temperature Conversion
Performed by Host Firmware
• Package
– 12-pin, 1490 × 2350 μm WCSP (YZG),
0.625mm Max Thickness, 0.5mm Pitch

DESCRIPTION
The Texas Instruments bq2028 serial 4Kb nonvolatile
memory (EEPROM) with integrated temperature
sensor and LDO linear regulator provides pack-side
memory storage and temperature monitoring for a
single-cell system-side battery fuel gauge solution
such as the bq27505-E1.
The bq2028 communicates with the bq27505-E1
gauge over a single-wire HDQ interface with a
minimal overhead protocol yet ensures error free data
transfer.




Similar Part No. - BQ2028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
BQ2028YZGR TI-BQ2028YZGR Datasheet
892Kb / 26P
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
BQ2028YZGT TI-BQ2028YZGT Datasheet
892Kb / 26P
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
More results


Similar Description - BQ2028

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
Maxim Integrated Produc...
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
1-Wire 4Kb EEPROM
Rev 3; 5/12
logo
Texas Instruments
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP107 TI-TMP107 Datasheet
971Kb / 40P
TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
logo
Maxim Integrated Produc...
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
4Kb 1-Wire EEPROM
19-5581; 10/10
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com