Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2050 Datasheet (PDF) - Texas Instruments

BQ2050 Datasheet PDF - Texas Instruments
Part # BQ2050
Download  BQ2050 Download
File Size   397.04 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Lithium Ion Power Gauge™ IC

BQ2050 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2050 Datasheet PDF - Texas Instruments

Part # BQ2050
Download  BQ2050 Click to download

File Size   397.04 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Lithium Ion Power Gauge™ IC

BQ2050 Datasheet (HTML) - Texas Instruments


BQ2050 Product details

Features
➤ Conservative and repeatable
measurement of available capacity
in Lithium Ion rechargeable
batteries
➤ Designed for battery pack integration
- 120μA typical operating
current
- Small size enables implementations
in as little as 1
2
square inch of PCB
➤ Integrate within a system or as a
stand-alone device
- Display capacity via singlewire
serial communication
port or direct drive of LEDs
➤ Measurements compensated for
current and temperature
➤ Self-discharge compensation using
internal temperature sensor
➤ 16-pin narrow SOIC

General Description
The bq2050 Lithium Ion Power
Gauge™ IC is intended for batterypack
or in-system installation to
maintain an accurate record of
available battery capacity. The IC
monitors a voltage drop across a
sense resistor connected in series
between the negative battery terminal
and ground to determine
charge and discharge activity of
the battery. Compensations for battery
temperature and rate of charge
or discharge are applied to the
charge, discharge, and self-discharge
calculations to provide available capacity
information across a wide
range of operating conditions. Battery
capacity is automatically recalibrated,
or “learned,” in the course of
a discharge cycle from full to empty.
Nominal available capacity may be
directly indicated using a fivesegment
LED display. These segments
are used to graphically indicate
available capacity. The bq2050
supports a simple single-line bidirectional
serial link to an external
processor (common ground). The
bq2050 outputs battery information
in response to external commands
over the serial link.
The bq2050 may operate directly
from one cell (VBAT > 3V). With the
REF output and an external transistor,
a simple, inexpensive regulator
can be built for systems with more
than one series cell.
Internal registers include available
capacity, temperature, scaled available
energy, battery ID, battery
status, and programming pin settings.
To support subassembly testing,
the outputs may also be controlled.
The external processor may
also overwrite some of the bq2050
power gauge data registers.




Similar Part No. - BQ2050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
Lithium Ion Power Gauge??IC
logo
List of Unclassifed Man...
BQ2050 ETC-BQ2050 Datasheet
235Kb / 21P
Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI1-BQ2050 Datasheet
1Mb / 27P
Lithium Ion Power Gauge??IC
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
Low-Cost Lithium Ion Power Gauge IC
BQ2050H TI1-BQ2050H Datasheet
1Mb / 30P
Low-Cost Lithium Ion Power Gauge??IC
More results


Similar Description - BQ2050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
Lithium Ion Power Gauge??IC
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
Low-Cost Lithium Ion Power Gauge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
Lithium Ion Fast-Charge IC
logo
List of Unclassifed Man...
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI1-BQ2050_15 Datasheet
1Mb / 27P
Lithium Ion Power Gauge??IC
BQ2050H TI1-BQ2050H_15 Datasheet
1Mb / 30P
Low-Cost Lithium Ion Power Gauge??IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
Lithium Ion Charge Management IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
2 lithium ion/lithium polymer battery protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com