Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ29311PW Datasheet (PDF) - Texas Instruments

BQ29311PW Datasheet PDF - Texas Instruments
Part # BQ29311PW
Download  BQ29311PW Download
File Size   487.59 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THREE- AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION IC

BQ29311PW Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ29311PW Datasheet PDF - Texas Instruments

Part # BQ29311PW
Download  BQ29311PW Click to download

File Size   487.59 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THREE- AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION IC

BQ29311PW Datasheet (HTML) - Texas Instruments


BQ29311PW Product details

FEATURES
3- or 4-Cell Series Protection Control
Autonomous Overcurrent and Short Circuit
Protection
Provides Individual Cell Voltages to Battery
Management Host
Integrated Cell Balancing Control
I2C Compatible User Interface Allows Access
to Battery Information
User Control to Initiate Protection
Integrated 3.3-V 25-mA LDO
Programmable Shutdown and Brownout
Control
Provides Drive for Three External FETs
Low Supply Current of 140 μA Typical
Programmable Threshold and Delay for
Short-Circuit Current Protection
Provides Drive for Three External FETs
Can Directly Interface With bq2083/5 for
Complete Battery Management Solution

APPLICATIONS
Notebook Computer Battery Packs
Test Equipment

DESCRIPTION
The bq29311 is a three- or four-cell lithium-ion battery
pack protection analog front end (AFE) IC that
incorporates a 3.3-V 25-mA low-dropout regulator
(LDO) and an I2C compatible interface to extract battery
parameters such as cell voltages and control output
status. Other parameters, such as overcurrent
protection threshold and delay, can also be
programmed into the bq29311 to increase the flexibility
of the battery management system.
The bq29311 provides safety protection in overcurrent,
short circuit, overvoltage, and undervoltage conditions
via control from the battery management host. In
overcurrent and short-circuit conditions the bq29311
can directly activate the FET drive as a secondary
protection level. The communications interface allows
the host to control and observe the current status of the
protection, to set overcurrent and overload levels, to set
the overcurrent and overload blanking delay time,
short-circuit threshold levels, and short-circuit blanking
delay time, and to program for the VREG shutdown
voltage and brownout-detection thresholds.
Each cell is balanced by a discharge path, which is
enabled by the internal control registers accessible
through the I2C compatible interface. The maximum
current is set by an external series resistor with an
absolute maximum value of 10 mA discharge current
per cell.




Similar Part No. - BQ29311PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311PW TI-BQ29311PW Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29311PW TI1-BQ29311PW Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
BQ29311PWG4 TI1-BQ29311PWG4 Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
BQ29311PWR TI-BQ29311PWR Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29311PWR TI1-BQ29311PWR Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
More results


Similar Description - BQ29311PW

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Silicon Standard Corp.
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
Three-cell Lithium-Ion Battery Protection IC
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
3 cell Lithium-ion/Lithium-polymer battery protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com