Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z80 Datasheet (PDF) - Texas Instruments

BQ20Z80 Datasheet PDF - Texas Instruments
Part # BQ20Z80
Download  BQ20Z80 Download
File Size   413.22 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29312A

BQ20Z80 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ20Z80 Datasheet PDF - Texas Instruments

Part # BQ20Z80
Download  BQ20Z80 Click to download

File Size   413.22 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29312A

BQ20Z80 Datasheet (HTML) - Texas Instruments


BQ20Z80 Product details

FEATURES
· Patented Impedance Track™ Technology
Accurately Measures Available Charge in
Li-Ion and Li-Polymer Batteries
· Better than 1% Error Over Lifetime of the
Battery
· Instant Accuracy – No Learning Cycle
Required
· Supports the Smart Battery Specification SBS
V1.1
· Works With the TI bq29312A Analog
Front-End (AFE) Protection IC to Provide
Complete Pack Electronics Solution
· Full Array of Programmable Voltage, Current,
and Temperature Protection Features
· Integrated Time Base Removes Need for
External Crystal with Optional Crystal Input
· Electronics for 7.2-V, 10.8-V or 14.4-V Battery
Packs With Few External Components
· Based on a Powerful Low-Power RISC CPU
Core With High-Performance Peripherals
· Integrated Field Programmable FLASH
Memory Eliminates the Need for External
Configuration Memory
· Measures Charge Flow Using a
High-Resolution, 16-Bit Integrating
Delta-Sigma Converter
– Better Than 0.65 nVh of Resolution
– Self-Calibrating
– Offset Error Less Than 1 μV
· Uses 16-Bit Delta-Sigma Converter for
Accurate Voltage and Temperature
Measurements
· Extensive Data Reporting Options For
Improved System Interaction
· Optional Pulse Charging Feature for Improved
Charge Times
· Drives 3-, 4- or 5-Segment LED Display for
Remaining Capacity Indication
· Supports SHA-1 Authentication
· Lifetime Data Logging
· 38-Pin TSSOP (DBT)

APPLICATIONS
· Notebook PCs
· Medical and Test Equipment
· Portable Instrumentation

DESCRIPTION
The bq20z80 SBS-compliant gas gauge IC,
incorporating patented Impedance Track™
technology, is designed for battery-pack or in-system
installation. The bq20z80 measures and maintains an accurate record of available charge in Li-ion or
Li-polymer batteries using its integrated
high-performance analog peripherals. The bq20z80
monitors capacity change, battery impedance,
open-circuit voltage, and other critical parameters of
the battery pack, and reports the information to the
system host controller over a serial-communication
bus. It is designed to work with the bq29312A analog
front-end (AFE) protection IC to maximize
functionality and safety, and minimize component
count and cost in smart battery circuits.
The Impedance Track technology continuously
analyzes the battery impedance, resulting in superior
gas-gauging accuracy. This enables remaining
capacity to be calculated with discharge rate, temperature, and cell aging all accounted for during
each stage of every cycle.




Similar Part No. - BQ20Z80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80 TI-BQ20Z80 Datasheet
517Kb / 28P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI1-BQ20Z80 Datasheet
1Mb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
517Kb / 28P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
More results


Similar Description - BQ20Z80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com