Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2595 Datasheet (PDF) - Texas Instruments

CC2595 Datasheet PDF - Texas Instruments
Part # CC2595
Download  CC2595 Download
File Size   476.72 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4-GHz RF FRONT END

CC2595 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2595 Datasheet PDF - Texas Instruments

Part # CC2595
Download  CC2595 Click to download

File Size   476.72 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4-GHz RF FRONT END

CC2595 Datasheet (HTML) - Texas Instruments


CC2595 Product details

FEATURES
Low Cost and Small Package
Very Few External Components
2.0-V to 3.6-V Operation
Less Than 1-μA Current Consumption in
Power Down Mode
Low Transmit Current Consumption
98 mA at 3 V for +20.7 dBm Out (PAE = 40%)
RoHS Compliant 3- x 3-mm QFN-16 Package

DESCRIPTION
CC2595 is a PA solution that extends the range of any Zigbee or Bluetooth transceiver. It is a cost-effective and
high performance RF front end for low-power and low-voltage wireless applications in the 2.4-GHz band. Its
single-ended RF input and output make it compatible with any manufacturer’s transceiver if appropriate external
parts are used. When a transmit/receive (T/R) switch and a balun are used, it can interface with existing and
future CC24XX and CC25XX transceiver products. CC2595 extends the link budget by providing a power
amplifier for improved output power. It is highly effective for high (+20 dBm) output power making it suitable for
battery-operated systems. CC2595 contains PA and RF-matching for simple design of high performance wireless
applications. It is packaged in a 3- x 3-mm, 16-lead QFN package with exposed paddle.




Similar Part No. - CC2595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
CC2595RGTR TI-CC2595RGTR Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595RGTR TI-CC2595RGTR Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
CC2595RGTT TI-CC2595RGTT Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
More results


Similar Description - CC2595

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2590 TI-CC2590 Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
664Kb / 18P
2.4-GHz RF Front End, 14-dBm output power
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com