Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC109E Datasheet (PDF) - Texas Instruments

CD74HC109E Datasheet PDF - Texas Instruments
Part # CD74HC109E
Download  CD74HC109E Download
File Size   367.45 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger

CD74HC109E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC109E Datasheet PDF - Texas Instruments

Part # CD74HC109E
Download  CD74HC109E Click to download

File Size   367.45 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger

CD74HC109E Datasheet (HTML) - Texas Instruments


CD74HC109E Product details

Features
• Asynchronous Set and Reset
• Schmitt Trigger Clock Inputs
• Typical fMAX = 54MHz at VCC = 5V, CL = 15pF,
TA = 25oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC109 and ’HCT109 are dual J-K flip-flops with set and
reset. The flip-flop changes state with the positive transition
of Clock (1CP and 2CP).
The flip-flop is set and reset by active-low S and R,
respectively. A low on both the set and reset inputs
simultaneously will force both Q and Q outputs high.
However, both set and reset going high simultaneously
results in an unpredictable output condition.




Similar Part No. - CD74HC109E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC109E TI-CD74HC109E Datasheet
279Kb / 12P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109E TI-CD74HC109E Datasheet
347Kb / 16P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109E TI-CD74HC109E Datasheet
454Kb / 15P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109EE4 TI-CD74HC109EE4 Datasheet
347Kb / 16P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109EE4 TI-CD74HC109EE4 Datasheet
454Kb / 15P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
More results


Similar Description - CD74HC109E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS109A PHILIPS-74ALS109A Datasheet
93Kb / 9P
Dual J-K positive edge-triggered flip-flop with set and reset
1991 Feb 08
logo
Texas Instruments
CD74HC109 TI-CD74HC109 Datasheet
58Kb / 8P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC109 TI-CD54HC109 Datasheet
279Kb / 12P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109_07 Datasheet
347Kb / 16P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC109 TI-CD54HC109_08 Datasheet
454Kb / 15P
Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI1-CD54HC112_15 Datasheet
757Kb / 20P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com