Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4017 Datasheet (PDF) - Texas Instruments

CD54HC4017 Datasheet PDF - Texas Instruments
Part # CD54HC4017
Download  CD54HC4017 Download
File Size   422.7 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS

CD54HC4017 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC4017 Datasheet PDF - Texas Instruments

Part # CD54HC4017
Download  CD54HC4017 Click to download

File Size   422.7 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS

CD54HC4017 Datasheet (HTML) - Texas Instruments


CD54HC4017 Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−40°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Fully Static Operation
Buffered Inputs
Common Reset
Positive Edge Clocking
Typical fmax = 60 MHz at VCC = 5 V,
CL = 15 pF, TA = 25°C
Fanout (Over Temperature Range)
− Standard Outputs . . . 10 LSTTL Loads
− Bus Driver Outputs . . . 15 LSTTL Loads
Balanced Propagation Delay and Transition
Times
Significant Power Reduction Compared to
LSTTL Logic ICs
VCC Voltage = 2 V to 6 V
High Noise Immunity NIL or NIH = 30% of
VCC, VCC = 5 V

description/ordering information
The CD74HC4017 is a high-speed silicon-gate CMOS 5-stage Johnson counter with ten decoded outputs. Each
of the decoded outputs normally is low and sequentially goes high on the low-to-high transition clock period of
the ten-clock-period cycle. The carry (TC) output transitions low to high after output 9 goes from high to low and
can be used in conjunction with the clock enable (CE) input to cascade several stages. CE disables counting
when in the high state. A master reset (MR) input also is provided that, when taken high, sets all the decoded
outputs, except output 0, to low.
The device can drive up to ten low-power Schottky equivalent loads.




Similar Part No. - CD54HC4017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI-CD54HC4017 Datasheet
497Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI-CD54HC4017 Datasheet
528Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI2-CD54HC4017 Datasheet
275Kb / 12P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
MAY 1999
CD54HC4017 TI2-CD54HC4017 Datasheet
384Kb / 15P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
REVISED APRIL 2008
More results


Similar Description - CD54HC4017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017_07 Datasheet
497Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI-CD54HC4017_08 Datasheet
528Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com