Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC40105E Datasheet (PDF) - Texas Instruments

CD74HC40105E Datasheet PDF - Texas Instruments
Part # CD74HC40105E
Download  CD74HC40105E Download
File Size   401.99 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register

CD74HC40105E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC40105E Datasheet PDF - Texas Instruments

Part # CD74HC40105E
Download  CD74HC40105E Click to download

File Size   401.99 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register

CD74HC40105E Datasheet (HTML) - Texas Instruments


CD74HC40105E Product details

Features
• Independent Asynchronous Inputs and Outputs
• Expandable in Either Direction
• Reset Capability
• Status Indicators on Inputs and Outputs
• Three-State Outputs
• Shift-Out Independent of Three-State Control
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Applications
• Bit-Rate Smoothing
• CPU/Terminal Buffering
• Data Communications
• Peripheral Buffering
• Line Printer Input Buffers
• Auto-Dialers
• CRT Buffer Memories
• Radar Data Acquisition

Description
The ’HC40105 and ’HCT40105 are high-speed silicon-gate
CMOS devices that are compatible, except for “shift-out”
circuitry, with the CD40105B. They are low-power first-in-out
(FIFO) “elastic” storage registers that can store 16 four-bit
words. The 40105 is capable of handling input and output
data at different shifting rates. This feature makes it
particularly useful as a buffer between asynchronous
systems.
Each work position in the register is clocked by a control flipflop,
which stores a marker bit. A “1” signifies that the position’s
data is filled and a “0” denotes a vacancy in that position.
The control flip-flop detects the state of the preceding
flip-flop and communicates its own status to the succeeding
flip-flop. When a control flip-flop is in the “0” state and sees a
“1” in the preceeding flip-flop, it generates a clock pulse that
transfers data from the preceding four data latches into its
own four data latches and resets the preceding flip-flop to
“0”. The first and last control flip-flops have buffered outputs.
Since all empty locations “bubble” automatically to the input
end, and all valid data ripple through to the output end, the
status of the first control flip-flop (DATA-IN READY) indicates
if the FIFO is full, and the status of the last flip-flop (DATAOUT
READY) indicates if the FIFO contains data. As the
earliest data are removed from the bottom of the data stack
(the output end), all data entered later will automatically
propagate (ripple) toward the output.




Similar Part No. - CD74HC40105E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40105E TI-CD74HC40105E Datasheet
82Kb / 14P
High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105E TI-CD74HC40105E Datasheet
318Kb / 19P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105E TI-CD74HC40105E Datasheet
461Kb / 21P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105E TI-CD74HC40105E Datasheet
602Kb / 22P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105EE4 TI-CD74HC40105EE4 Datasheet
318Kb / 19P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Similar Description - CD74HC40105E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
4-bit x 16-word FIFO register
1998 Jan 23
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
4-Bit x 64-word FIFO register; 3-state
September 1993
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
4 Bit 횞 16 Word FIFO Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com