Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC157F Datasheet (PDF) - Texas Instruments

CD54HC157F Datasheet PDF - Texas Instruments
Part # CD54HC157F
Download  CD54HC157F Download
File Size   362.42 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Quad 2-Input Multiplexers

CD54HC157F Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC157F Datasheet PDF - Texas Instruments

Part # CD54HC157F
Download  CD54HC157F Click to download

File Size   362.42 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Quad 2-Input Multiplexers

CD54HC157F Datasheet (HTML) - Texas Instruments


CD54HC157F Product details

Features
• Common Select Inputs
• Separate Enable Inputs
• Buffered inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC157, ’HCT157, ’HC158, and ’HCT158 are quad 2-
input multiplexers which select four bits of data from two
sources under the control of a common Select input (S). The
Enable input (E) is active Low. When (E) is High, all of the
outputs in the 158, the inverting type, (1Y-4Y) are forced
High and in the 157, the non-inverting type, all of the outputs
(1Y-4Y) are forced Low, regardless of all other input
conditions.
Moving data from two groups of registers to four common
output buses is a common use of these devices. The state of
the Select input determines the particular register from
which the data comes. They can also be used as function
generators.




Similar Part No. - CD54HC157F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC157F TI-CD54HC157F Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157F TI1-CD54HC157F Datasheet
457Kb / 16P
High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157F TI2-CD54HC157F Datasheet
355Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
Revised October 2003
CD54HC157F.A TI2-CD54HC157F.A Datasheet
355Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
Revised October 2003
CD54HC157F3A TI-CD54HC157F3A Datasheet
275Kb / 13P
High-Speed CMOS Logic Quad 2-Input Multiplexers
More results


Similar Description - CD54HC157F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
High Speed CMOS Logic Quad 2-Input NAND Gate
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Texas Instruments
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC08MG4 TI-CD74HC08MG4 Datasheet
683Kb / 18P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI1-CD54HC08_15 Datasheet
909Kb / 18P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI1-CD54HC08_16 Datasheet
611Kb / 12P
High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
High-Speed CMOS Logic Quad 2-Input Multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com