Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5550 Datasheet (PDF) - Semtech Corporation

1N5550 Datasheet PDF - Semtech Corporation
Part # 1N5550
Download  1N5550 Download
File Size   159.88 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode

1N5550 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5550 Datasheet PDF - Semtech Corporation

Part # 1N5550
Download  1N5550 Click to download

File Size   159.88 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode

1N5550 Datasheet (HTML) - Semtech Corporation


1N5550 Product details

Description
Quick reference data
   VR = 200 - 1000V
   IF = 5.0A
   trr = 2µS
   VF = 1.0V
  
Features
◆ Low reverse leakage current
◆ Hermetically sealed in fused metal oxide
◆ Good thermal shock resistance
◆ Low forward voltage drop
◆ Avalanche capability

These products are qualified to MIL-PRF-19500/420.
They can be supplied fully released as JAN, JANTX,
JANTXV, and JANS versions.




Similar Part No. - 1N5550

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N5550 GE-1N5550 Datasheet
53Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Microsemi Corporation
1N5550 MICROSEMI-1N5550 Datasheet
46Kb / 2P
RECTIFIERS
1N5550 MICROSEMI-1N5550 Datasheet
78Kb / 2P
RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
logo
List of Unclassifed Man...
1N5550 ETC1-1N5550 Datasheet
202Kb / 28P
This specification covers the performance requirements for silicon, general purpose,
logo
Sensitron
1N5550 SENSITRON-1N5550 Datasheet
144Kb / 3P
HIGH CURRENT AXIAL LEAD RECTIFIERS : 200-1000 VOLT, 3.0 AMP, 2000 NANOSECOND RECTIFIER
More results


Similar Description - 1N5550

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
3SM2 NJSEMI-3SM2 Datasheet
74Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com