Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5187 Datasheet (PDF) - Pomona Electronics

5187 Datasheet PDF - Pomona Electronics
Part # 5187
Download  5187 Download
File Size   36.25 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC (Male) With Molded Strain Relief To Minigrabberâ Test Clips

5187 Datasheet (PDF)

Go To PDF Page Download Datasheet
5187 Datasheet PDF - Pomona Electronics

Part # 5187
Download  5187 Click to download

File Size   36.25 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC (Male) With Molded Strain Relief To Minigrabberâ Test Clips

5187 Datasheet (HTML) - Pomona Electronics


5187 Product details

FEATURES:
· BNC Cable breakouts to Minigrabber® Test Clips for test versatility.
· BNC connector and breakout wires are molded directly to the cable for added pull strength.
· Grabber hook attaches to terminal sizes up to .060” (1,5mm)
· Schematic: Black Grabber to BNC Shell, Red Grabber to BNC Center Contact.

MATERIALS:
BNC: Body: Brass, Nickel Plated, Center Pin: Brass, Gold Plated, Impedance: 50 Ohms
Strain Relief and Molded Breakout: PVC, Color: Black
Breakout Wires: 20 AWG Stranding 41 x 36 t. c., PVC Insulated, .087” (2,21 mm) O.D.,
Color Matches Grabbers
Cable: “C” Cable: RG58C/U, .195” (5.0mm) O.D., Color: Black, 20AWG (Strand 19 x .0071 t.c.)
“K” Cable: RG174/U, .100” (2.5mm) O.D., Color: Black, 26 AWG (Strand 7 x 34 Bare Copper)
Marking “POMONA“ 5187-C-XX” or “5187-K-XX”
Grabber: Contact – Beryllium Copper, Gold Plated
Spring – Stainless Steel
Insulation – Glass Filled Nylon. Color: one red, one black

RATINGS:
Operating Voltage: 300 VRMS
Operating Temperature: 50°C (+122°F) Max.

ORDERING INFORMATION: Model 5187-Cable Code- Length in Inch
Cable Code: -C = RG58C/U, -K = RG174/U, XX = Lengths in Inches, Std. Lengths: 24” (60,96 cm), 36” (91,44 cm),
48” (121,92 cm) & 60” (152,40 cm) Additional lengths are available upon request.
Ordering Example: 5187-C-36, Cable will be 36” (91,44cm) of RG58C/U




Similar Part No. - 5187

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5187 POMONA-5187 Datasheet
34Kb / 1P
BNC (Male) With Molded Strain Relief To Minigrabber Test Clips
5187-C-48 POMONA-5187-C-48 Datasheet
34Kb / 1P
BNC (Male) With Molded Strain Relief To Minigrabber Test Clips
More results


Similar Description - 5187

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5189 POMONA-5189 Datasheet
31Kb / 1P
BNC (Male) To Micrograbber Test Clips
3787 POMONA-3787 Datasheet
26Kb / 1P
BNC Male To Minigrabber짰 Test Clips
4277 POMONA-4277 Datasheet
19Kb / 1P
BNC (Female) Cable With Molded Strain Relief
4530 POMONA-4530 Datasheet
27Kb / 1P
BNC (Male) With Molded Strain Relief To Stacking Double Banana Plug
4531 POMONA-4531 Datasheet
28Kb / 1P
BNC (Male) With Strain Relief To Alligator Clips
4777 POMONA-4777 Datasheet
35Kb / 1P
BNC (Male) With Strain Relief To Micrograbber Test Clips
4945 POMONA-4945 Datasheet
41Kb / 1P
BNC (Male) With Molded Strain Relief
5187 POMONA-5187 Datasheet
34Kb / 1P
BNC (Male) With Molded Strain Relief To Minigrabber Test Clips
5304 POMONA-5304 Datasheet
35Kb / 1P
BNC (Male) With Strain Relief To SMD Grabber Test Clips
5423 POMONA-5423 Datasheet
27Kb / 1P
BNC Male With Molded Strain Relief To Minipincer Test Clips
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com