Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83SM1-00AA Datasheet (PDF) - Microchip Technology

BM83SM1-00AA Datasheet PDF - Microchip Technology
Part # BM83SM1-00AA
Download  BM83SM1-00AA Download
File Size   5090.98 Kbytes
Page   76 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description  BM83 Bluetooth® Stereo Audio Module Data Sheet

BM83SM1-00AA Datasheet (PDF)

Go To PDF Page Download Datasheet
BM83SM1-00AA Datasheet PDF - Microchip Technology

Part # BM83SM1-00AA
Download  BM83SM1-00AA Click to download

File Size   5090.98 Kbytes
Page   76 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description  BM83 Bluetooth® Stereo Audio Module Data Sheet

BM83SM1-00AA Datasheet (HTML) - Microchip Technology


BM83SM1-00AA Product details

Features
• Qualified for Bluetooth v5.0 Specification:
– HFP 1.7, HSP 1.2, A2DP 1.3, SPP 1.2, AVRCP 1.6, and PBAP 1.2
– Bluetooth classic (BR/EDR) and Bluetooth Low Energy
– General Attribute Profile (GATT) and General Access Profile (GAP)
– Bluetooth Low Energy Data Length Extension (DLE) and secure connection
• SDK:
– 8051 MCU debugging
– 24-bit program counter and data pointer modes
• Multi-Link:
– A2DP (maximum 3 devices)
– HFP (maximum 3 devices)
• Multi-Speaker (MSPK) Solution:
– Microchip's proprietary solution to connect a master speaker to one or more slave speakers
– With MSPK firmware, the BM83 can provide Concert mode and Stereo mode
• Audio Transceiver (AT) Solution:
– With AT firmware, the BM83 can work as either an A2DP source (where BM83 is the transmitter) or
A2DP/HFP sink (where BM83 is a receiver)
• Audio Interfaces:
– Stereo line input
– Two analog microphones
– One stereo digital microphone
– Stereo audio Digital-to-Analog converter (DAC)
– Inter-IC (I2S) Sound input/output
– I2S Master Clock (MCLK)/reference clock
• USB, UART, and Over-the-Air (OTA) Firmware Upgrade
• Built-In Lithium-Ion and Lithium Polymer Battery Charger (Up To 350 mA Charging Current)
• Compact Surface Mount Module:
– 32 mm x 15 mm x 2.5 mm
– Castellated surface mount pads
– Module shield
• Integrated 3V and 1.8V Configurable Switching Regulator and Low-Dropout (LDO)

RF/Analog
• Frequency Spectrum: 2.402 GHz to 2.480 GHz
• Receive Sensitivity: –90 dBm (2 Mbps EDR, at 0.01% BER)
• Programmable Transmit Output Power:
– Up to +10.4 dBm (typical) for Basic Data Rate (BDR)
– Up to +9.2 dBm (typical) for Enhanced Data Rate (EDR)

DSP Voice and Audio Processing
• 16/32-bit DSP Core with Enhanced 32-Bit Precision, Single Cycle Multiplier
• 64 Kbps A-Law, µ-Law Pulse Code Modulation (PCM), or Continuous Variable Slope Delta (CVSD) Modulation
for Synchronous Connection-Oriented (SCO) Channel Operation
• 8/16 kHz Noise Reduction (NR)
• 8/16 kHz Acoustic Echo Cancellation (AEC)
• Modified Sub-Band Coding (mSBC) Decoder for Wideband Speech
• Packet Loss Concealment (PLC) for SBC and AAC Codecs Only

Audio Codec
• SBC and AAC
• 20-bit Audio Stereo DAC with Signal-to-Noise Ratio (SNR) 95 dB
• 16-bit Audio Stereo Analog-to-Digital Converter (ADC) with SNR 90 dB
• 16-bit/24-bit I2S Digital Audio:
– 8 kHz, 16 kHz, 44.1 kHz, and 48 kHz sampling frequency for SBC and AAC

Peripherals
• Successive Approximation Register Analog-to-Digital Converter (SAR ADC) with Dedicated Channels:
– Battery voltage detection and adapter voltage detection
– Charger thermal protection and ambient temperature detection
• UART (With Hardware Flow Control)
• USB (Full-Speed USB 1.1 Interface)
• Inter-Integrated Circuit (I2C™) Master
• One Pulse Width Modulation (PWM) Channel
• Two LED Drivers
• Up to 18 General Purpose Inputs/Outputs (GPIOs)
• 2-wire 8051 MCU Joint Test Action Group (JTAG) Debug

Operating Conditions
• Operating Voltage: 3.2V to 4.2V
• Operating Temperature: –40°C to +85°C

Compliance
• Bluetooth Special Interest Group (SIG) QDID: 134083 (Class1) and 134099 (Class2)
• Certified to the United States (FCC), Canada (ISED), Europe (CE), Korea (KCC), Taiwan (NCC), and Japan(MIC) Radio Regulations
• RoHS Compliant

Applications
• Portable Speaker
• Multiple Speakers
• Headphones




Similar Part No. - BM83SM1-00AA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM83SM1-00AA MICROCHIP-BM83SM1-00AA Datasheet
4Mb / 76P
Microchip Technology [MICROCHIP]^97
2020
More results


Similar Description - BM83SM1-00AA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBCA2HNZYZ-TEMP MURATA-LBCA2HNZYZ-TEMP Datasheet
496Kb / 23P
Bluetooth Low Energy Module Data Sheet
LBEE5ZZ1MD-011 MURATA-LBEE5ZZ1MD-011 Datasheet
1Mb / 35P
WiFi / Bluetooth Module Data Sheet
logo
Microchip Technology
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
Silicon Laboratories
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
BGM111E SILABS-BGM111E Datasheet
2Mb / 87P
BGM111E Wireless Gecko Bluetooth® Module Data Sheet
Rev. 1.4
BGM11S SILABS-BGM11S Datasheet
3Mb / 95P
BGM11S Blue Gecko Bluetooth® SiP Module Data Sheet
Rev. 1.4
BGM210L SILABS-BGM210L Datasheet
3Mb / 44P
BGM210L Wireless Gecko Bluetooth® Lighting Module Data Sheet
Rev. 1.2
BGX13S SILABS-BGX13S Datasheet
2Mb / 42P
BGX13S Blue Gecko Xpress Bluetooth ® SiP Module Data Sheet
Rev. 1.1
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com