Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQP3M9038 Datasheet (PDF) - Qorvo, Inc

TQP3M9038 Datasheet PDF - Qorvo, Inc
Part # TQP3M9038
Download  TQP3M9038 Download
File Size   678.3 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description High Linearity LNA Gain Block

TQP3M9038 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQP3M9038 Datasheet PDF - Qorvo, Inc

Part # TQP3M9038
Download  TQP3M9038 Click to download

File Size   678.3 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description High Linearity LNA Gain Block

TQP3M9038 Datasheet (HTML) - Qorvo, Inc


TQP3M9038 Product details

Key Features
• 50−4000 MHz Operating Range
• Flat gain (14.7 ± 0.3 dB) from 50 to 3500 MHz
• +39.5 dBm Output IP3
• 2 dB Noise Figure at 1900 MHz
• 50 Ω gain block; No RF matching required
• Unconditionally stable
• +5V Single Supply, 85 mA Current
• 3x3mm 16 pin QFN plastic package

Applications
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / CDMA / GSM
• General Purpose Wireless
• IF Amplifier, RF Driver Amplifier




Similar Part No. - TQP3M9038

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
669Kb / 8P
High-Linearity LNA Gain Block
TQP3M9038-PCB_IF TRIQUINT-TQP3M9038-PCB_IF Datasheet
549Kb / 8P
High Linearity LNA Gain Block
TQP3M9038-PCB_IF TRIQUINT-TQP3M9038-PCB_IF Datasheet
669Kb / 8P
High-Linearity LNA Gain Block
TQP3M9038-PCB_RF TRIQUINT-TQP3M9038-PCB_RF Datasheet
549Kb / 8P
High Linearity LNA Gain Block
More results


Similar Description - TQP3M9038

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
High Linearity LNA Gain Block
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
High-Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9018 QORVO-TQP3M9018 Datasheet
729Kb / 12P
High Linearity LNA Gain Block
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
High Linearity LNA Gain Block
February 1, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com