Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFCSSPM1.24 Datasheet (PDF) - OSRAM GmbH

GFCSSPM1.24 Datasheet PDF - OSRAM GmbH
Part # GFCSSPM1.24
Download  GFCSSPM1.24 Download
File Size   1243.32 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® SSL 120

GFCSSPM1.24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GFCSSPM1.24 Datasheet PDF - OSRAM GmbH

Part # GFCSSPM1.24
Download  GFCSSPM1.24 Click to download

File Size   1243.32 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® SSL 120

GFCSSPM1.24 Datasheet (HTML) - OSRAM GmbH


GFCSSPM1.24 Product details

Applications
- Architecture

Features:
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- Corrosion Robustness Class: 3B
- Lumen maintenance: Test results according to IESNA LM-80 available
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 383 mW
- Radiant Efficiency: typ. 56 %




Similar Part No. - GFCSSPM1.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GFCSSPM1.24 OSRAM-GFCSSPM1.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
More results


Similar Description - GFCSSPM1.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
GHCSSPM1.24 OSRAM-GHCSSPM1.24 Datasheet
1Mb / 22P
OSLON SSL 120
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
GTCSSPM1.13 OSRAM-GTCSSPM1.13 Datasheet
2Mb / 22P
OSLON SSL 120
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
OSLON SSL 120
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com