Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0697W Datasheet (PDF) - Bel Fuse Inc.

0697W Datasheet PDF - Bel Fuse Inc.
Part # 0697W
Download  0697W Download
File Size   584.46 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Time Lag Radial Lead Micro Fuse Series

0697W Datasheet (PDF)

Go To PDF Page Download Datasheet
0697W Datasheet PDF - Bel Fuse Inc.

Part # 0697W
Download  0697W Click to download

File Size   584.46 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Time Lag Radial Lead Micro Fuse Series

0697W Datasheet (HTML) - Bel Fuse Inc.


0697W Product details

Features
- Time lag (350 VAC, 72 VDC)
- Meet IEC standard 60127-3, sheet 4
- Wide operating temperature range
- Bulk and Tape & Reel packing available
- AEC-Q Compliant
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free and Lead Free
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan

Applications
Provide individual protection for components or internal circuits.
- Power supplies
- Battery chargers
- Consumer electronics
- Adapter
- Industrial controllers




Similar Part No. - 0697W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0697W BEL-0697W Datasheet
2Mb / 4P
Time Lag Radial Lead Micro Fuse Series
0697W1000-01 BEL-0697W1000-01 Datasheet
2Mb / 4P
Time Lag Radial Lead Micro Fuse Series
0697W1000-01 BEL-0697W1000-01 Datasheet
908Kb / 4P
Time Lag Radial Lead Micro Fuse Series
0697W1000-02 BEL-0697W1000-02 Datasheet
2Mb / 4P
Time Lag Radial Lead Micro Fuse Series
0697W1000-02 BEL-0697W1000-02 Datasheet
908Kb / 4P
Time Lag Radial Lead Micro Fuse Series
More results


Similar Description - 0697W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRT80 BEL-MRT80 Datasheet
96Kb / 2P
Time Lag Radial Lead Micro Fuse Series
RST BEL-RST Datasheet
98Kb / 2P
Time Lag Radial Lead Micro Fuse Series
0697-3150-02 BEL-0697-3150-02 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICRO FUSE SERIES
logo
CUI INC
RST80 CUI-RST80 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICRO FUSE SERIES
logo
Bel Fuse Inc.
MRT80 BEL-MRT80 Datasheet
1Mb / 4P
TYPE MRT TIME LAG RADIAL LEAD MICRO FUSE SERIES
0697W BEL-0697W Datasheet
2Mb / 4P
Time Lag Radial Lead Micro Fuse Series
RSTA BEL-RSTA Datasheet
2Mb / 4P
Time Lag Radial lead Micro Fuse Series
0697W1000-XX BEL-0697W1000-XX Datasheet
908Kb / 4P
Time Lag Radial Lead Micro Fuse Series
0697-0080-01 BEL-0697-0080-01 Datasheet
828Kb / 4P
Time Lag Radial Lead Micro Fuse Series
TYPEMRT BEL-TYPEMRT Datasheet
933Kb / 4P
Time Lag Radial Lead Micro Fuse Series
2021
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com