Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1H Datasheet (PDF) - Bel Fuse Inc.

C1H Datasheet PDF - Bel Fuse Inc.
Part # C1H
Download  C1H Download
File Size   725.08 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description High Current Rated Fast Acting Chip Fuse

C1H Datasheet (PDF)

Go To PDF Page Download Datasheet
C1H Datasheet PDF - Bel Fuse Inc.

Part # C1H
Download  C1H Click to download

File Size   725.08 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description High Current Rated Fast Acting Chip Fuse

C1H Datasheet (HTML) - Bel Fuse Inc.


C1H Product details

Features
- Quick Acting
- Small size, 1206 SMD
- Current rating from 10A to 30A
- Wide operating temperature range from -55℃ to 125℃
- Tape and Reel for automatic SMD placement
- Compatible with 260℃ IR Pb-free and wave soldering process
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
(MSL = 1) - Halogen Free and Lead Free
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan

Applications
- Notebook
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor and LCD / LED TV
- Power supply
- DC-DC Converter




Similar Part No. - C1H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1H BEL-C1H Datasheet
2Mb / 4P
High Current Rated Fast-Acting Chip Fuse
C1H12 BEL-C1H12 Datasheet
2Mb / 4P
High Current Rated Fast-Acting Chip Fuse
C1H15 BEL-C1H15 Datasheet
2Mb / 4P
High Current Rated Fast-Acting Chip Fuse
C1H20 BEL-C1H20 Datasheet
2Mb / 4P
High Current Rated Fast-Acting Chip Fuse
C1H25 BEL-C1H25 Datasheet
2Mb / 4P
High Current Rated Fast-Acting Chip Fuse
More results


Similar Description - C1H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
C1F BEL-C1F Datasheet
2Mb / 4P
Surace Mount Fast Acting Chip Fuse
C1H BEL-C1H Datasheet
2Mb / 4P
High Current Rated Fast-Acting Chip Fuse
C2F BEL-C2F Datasheet
1Mb / 4P
Surface Mount Fast Acting Chip Fuse
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
logo
Bel Fuse Inc.
0ACH-9600-XX BEL-0ACH-9600-XX Datasheet
586Kb / 3P
Type 0ACH Fast Acting High Current Brick Fuse
0685H9100-XX BEL-0685H9100-XX Datasheet
742Kb / 4P
High Current Rated Fast Acting Chip Fuse
0685P2000-01 BEL-0685P2000-01 Datasheet
649Kb / 4P
Surface Mount Fast Acting Chip Fuse
logo
Eaton All Rights Reserv...
2410FA EATON-2410FA Datasheet
1Mb / 7P
High current fast-acting SMT Brick fuse
May 2022
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com