Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1T Datasheet (PDF) - Bel Fuse Inc.

C1T Datasheet PDF - Bel Fuse Inc.
Part # C1T_V01
Download  C1T Download
File Size   711.97 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Surface Mount Slow Blow Chip Fuse

C1T Datasheet (PDF)

Go To PDF Page Download Datasheet
C1T Datasheet PDF - Bel Fuse Inc.

Part # C1T_V01
Download  C1T Click to download

File Size   711.97 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Surface Mount Slow Blow Chip Fuse

C1T Datasheet (HTML) - Bel Fuse Inc.


C1T Product details

Features
- Slow Blow
- Small size, 1206 SMD
- Current rating from 750mA to 8A
- Wide operating temperature range from -55℃ to 125℃
- Tape and Reel for automatic SMD placement
- Compatible with 260℃ IR Pb-free and wave soldering process
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863 (MSL = 1)
- Halogen Free and Lead Free
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan

Applications
- Notebook
- Automotive Navigation System
- LED Headlights
- Thin film transistor LCD flat-panel display screen
- PC computer - Office electronic equipment
- Industrial equipment - Medical equipment
- POE, POE+
- LCD / LED monitor and LCD / LED TV
- Power supply
- DC-DC Converter




Similar Part No. - C1T_V01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1T BEL-C1T_18 Datasheet
1Mb / 4P
SURFACE MOUNT SLOW BLOW CHIP FUSE
More results


Similar Description - C1T_V01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST375 BEL-SST375 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
C1S BEL-C1S Datasheet
90Kb / 2P
Surface Mount Slow Blow Chip Fuse
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
C1S BEL-C1S_12 Datasheet
967Kb / 4P
Surface Mount Slow Blow Chip Fuse
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
C1T BEL-C1T Datasheet
2Mb / 4P
Surace Mount Slow Blow Chip Fuse
C1S BEL-C1S_17 Datasheet
1Mb / 4P
SURFACE MOUNT SLOW BLOW CHIP FUSE
C1T BEL-C1T_18 Datasheet
1Mb / 4P
SURFACE MOUNT SLOW BLOW CHIP FUSE
0680L BEL-0680L Datasheet
841Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com