Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12186636 Datasheet (PDF) - Aptiv

12186636 Datasheet PDF - Aptiv
Part # 12186636
Download  12186636 Download
File Size   63.81 Kbytes
Page   1 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description SINGLE WIRE SEAL FITS TO 6.8 mm CAVITY

12186636 Datasheet (PDF)

Go To PDF Page Download Datasheet
12186636 Datasheet PDF - Aptiv

Part # 12186636
Download  12186636 Click to download

File Size   63.81 Kbytes
Page   1 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description SINGLE WIRE SEAL FITS TO 6.8 mm CAVITY

12186636 Datasheet (HTML) - Aptiv


12186636 Product details

Attributes
Type SINGLE WIRE SEAL
Outer Diameter (mm) 7.6
Barehole Diameter (mm) 3.1
Length (mm) 6.5
Min Cable Outer Diameter (mm) 3.1
Max Cable Outer Diameter (mm) 5.5
Color WHITE
Hardness (Shore) 50
Contains Lubricant (Oil Content) Low
Min. operating temperature -40°C
Max. operating temperature +140°C




Similar Part No. - 12186636

ManufacturerPart #DatasheetDescription
logo
Evolt
12186 EKTOR-12186 Datasheet
990Kb / 4P
UMBRA ADVANCED DIFFUSED
2nd of February 2025 09:22:43
logo
Weidmuller
1218610000 WEIDMULLER-1218610000 Datasheet
615Kb / 8P
BLF 5.08HC/05/180 SN DKGY BX PRT
1218620000 WEIDMULLER-1218620000 Datasheet
615Kb / 8P
BLF 5.08HC/10/180 SN DKGY BX PRT
1218630000 WEIDMULLER-1218630000 Datasheet
629Kb / 8P
BLF 5.08HC/20/180 SN DKGY BX PRT
logo
SICK AG
1218698 SICK-1218698 Datasheet
732Kb / 11P
SMALL PHOTOELECTRIC SENSORS
2024-03-11 19:27:33
More results


Similar Description - 12186636

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6050 SCHURTER-6050 Datasheet
288Kb / 2P
Line Switch, fits to Felcom
logo
TE Connectivity Ltd
C-281934 TEC-C-281934 Datasheet
179Kb / 1P
SINGLE WIRE SEAL
logo
Molex Electronics Ltd.
0349961902 MOLEX1-0349961902 Datasheet
48Kb / 1P
MXP120 Cavity Plug Seal, Silicone, Rust Red
logo
Schurter Inc.
6050 SCHURTER-6050_18 Datasheet
160Kb / 2P
Line Switch, fits to Felcom
logo
TE Connectivity Ltd
C-WS-35-001 TEC-C-WS-35-001 Datasheet
139Kb / 1P
WIRE SEAL, 35mm SEAL RANGE - 10.59mm-11.59mm 8mm CONTACT
logo
Schurter Inc.
6050 SCHURTER-6050_V02 Datasheet
188Kb / 3P
Line Switch, fits to Felcom
08.12.2021
logo
EDAC, All Rights Reserv...
570-260-001 EDAC-570-260-001 Datasheet
158Kb / 1P
570 SERIES WIRE SEAL
570-260-002 EDAC-570-260-002 Datasheet
158Kb / 1P
570 SERIES WIRE SEAL
570-260-003 EDAC-570-260-003 Datasheet
158Kb / 1P
570 SERIES WIRE SEAL
570-260-004 EDAC-570-260-004 Datasheet
158Kb / 1P
570 SERIES WIRE SEAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com