Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1912 Datasheet (PDF) - Renesas Technology Corp

F1912 Datasheet PDF - Renesas Technology Corp
Part # F1912
Download  F1912 Download
File Size   7241.7 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7-Bit 0.25dB Wideband Digital Step Attenuator

F1912 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1912 Datasheet PDF - Renesas Technology Corp

Part # F1912
Download  F1912 Click to download

File Size   7241.7 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7-Bit 0.25dB Wideband Digital Step Attenuator

F1912 Datasheet (HTML) - Renesas Technology Corp


F1912 Product details

FEATURES
• Serial and 7-bit Parallel Interface
• 31.75dB Range
• 0.25dB steps
• Glitch-FreeTM: low transient overshoot
• 500ns settling time
• Ultra linear > 64dBm IIP3
• Low Insertion Loss < 1.7dB at 4GHz
• Attenuation error < ±0.2dB at 4GHz
• Bi-directional RF use
• 3.3V or 5V Supply
• 1.8V or 3.3V control logic
• Low Current Consumption: 350μA typical
• -40°C to +105°C operating temperature
• 5 × 5 mm thin 32-QFN package




Similar Part No. - F1912

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1912 RENESAS-F1912 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1912 RENESAS-F1912 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
logo
Integrated Device Techn...
F1912Z IDT-F1912Z Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
logo
Renesas Technology Corp
F1912Z RENESAS-F1912Z Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1912 RENESAS-F1912_V01 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
More results


Similar Description - F1912

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TAD5009 SPECTRUM-TAD5009 Datasheet
89Kb / 1P
7 Bit Digital Attenuator
logo
TriQuint Semiconductor
TQP4M9083 TRIQUINT-TQP4M9083 Datasheet
674Kb / 11P
High Linearity 7-Bit, 31.75dB Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
F1958 IDT-F1958 Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
7-Bit, 75 W, Digital Step Attenuator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com