Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40.11 Datasheet (PDF) - Finder Relays, Inc.

40.11 Datasheet PDF - Finder Relays, Inc.
Part # 40.11
Download  40.11 Download
File Size   804.56 Kbytes
Page   8 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description 40 Series - Miniature PCB/Plug-in relays 8 - 10 - 16 A

40.11 Datasheet (PDF)

Go To PDF Page Download Datasheet
40.11 Datasheet PDF - Finder Relays, Inc.

Part # 40.11
Download  40.11 Click to download

File Size   804.56 Kbytes
Page   8 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description 40 Series - Miniature PCB/Plug-in relays 8 - 10 - 16 A

40.11 Datasheet (HTML) - Finder Relays, Inc.


40.11 Product details

Features
1 & 2 Pole relay range
40.31 - 1 Pole 10 A (3.5 mm pin pitch)
40.51 - 1 Pole 10 A (5 mm pin pitch)
40.52 - 2 Pole 8 A (5 mm pin pitch)
PCB mount
- direct or via PCB socket
35 mm rail mount
- via screw and screwless sockets
• DC coils (standard or sensitive) & AC coils
• Cadmium Free contact material
• 8 mm, 6 kV (1.2/50 μs) isolation, coil-contacts
• UL Listing (certain relay/socket combinations)
• Flux proof: RT II standard, (RT III option)
• 95 series sockets
• Coil EMC suppression
• Timer accessories 86 series

Features
40.61 - 1 Pole 16 A (5 mm pin pitch)
40.xx.6 - Bistable versions of the 40.31,
40.51, 40.52 & 40.61 relays
PCB mount
- direct or via PCB socket
35 mm rail mount
- via screw and screwless sockets
• DC coils & AC coils
• Cadmium Free option available
• 8 mm, 6 kV (1.2/50 μs) isolation, coil-contacts
• UL Listing (certain 40.61 relay/socket combinations)
• Flux proof: RT II standard, (RT III option)
• 95 series sockets
• Coil EMC suppression
• Timer accessories 86 series

Features
Pole relay range
40.11 - 1 Pole 10 A (Flat pack)
40.11-2016 - 1 Pole 16 A (Flat pack)
40.41 - 1 Pole 10 A (Vertical)
PCB mount
- direct or via PCB socket (40.41 version)
DC coils
Cadmium Free option available
8 mm, 6 kV (1.2/50 μs) isolation, coil-contacts
40.41 - NO version available




Similar Part No. - 40.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
40.1024 SCHURTER-40.1024 Datasheet
116Kb / 1P
TEST JACKS, TEST PROBES
40.1024-ND SCHURTER-40.1024-ND Datasheet
116Kb / 1P
TEST JACKS, TEST PROBES
40.1062 SCHURTER-40.1062 Datasheet
48Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
40.1062-ND SCHURTER-40.1062-ND Datasheet
48Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
More results


Similar Description - 40.11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
Plug-In Relays Mini 280 Relays
logo
ZETTLER Electronics
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
Miniature plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
Miniature plug-in power relays
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
logo
American Electronic Com...
DG29 AEC-DG29 Datasheet
248Kb / 2P
Two separate relays in miniature
logo
PHOENIX CONTACT
UMK-16RELS PHOENIX-UMK-16RELS Datasheet
58Kb / 4P
VARIOFACE module, for 16 plug-in miniature relays or miniature solid-state relays, with LED, negative switching, 24 V DC input voltage
logo
Song Chuan Precision Co...
812H SONGCHUAN-812H Datasheet
95Kb / 4P
Miniature PCB Power Relays 10A 250VAC
logo
List of Unclassifed Man...
41-SERIES ETC1-41-SERIES Datasheet
923Kb / 10P
Low profile PCB relays 8 - 12 - 16 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com