Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40257B Datasheet (PDF) - Texas Instruments

CD40257B Datasheet PDF - Texas Instruments
Part # CD40257B
Download  CD40257B Download
File Size   457.34 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad 2-Line-to-1-Line Data Selector/Multi plexer

CD40257B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40257B Datasheet PDF - Texas Instruments

Part # CD40257B
Download  CD40257B Click to download

File Size   457.34 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad 2-Line-to-1-Line Data Selector/Multi plexer

CD40257B Datasheet (HTML) - Texas Instruments


CD40257B Product details

Features: |
® 3-state outputs |
® Standardized, symmetrical output characteristics
8 100% tested for quigscent current at 0V . |
8 Maximum input current of uA at 18V ~~ |
over full package-temperature range; |
100 nA at 18 V.and 25°C |

Noise margin (aver full package- |
temperature range): |
1V at vdd=5V
‘2V at Vdd=10V : E
‘25V at Vdd=15V So
® 5.V, 10-V, and 15-V parametric ratings |
= Meets all requirements of JEDEC _
Tentative Standird No. 13A, “Standard i
Specifications for Description of ‘8° - |
Series CMOS Devices” ~~ |




Similar Part No. - CD40257B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
CD40257B TI1-CD40257B Datasheet
448Kb / 10P
CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
CD40257B-MIL TI1-CD40257B-MIL Datasheet
448Kb / 10P
CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
CD40257BE TI1-CD40257BE Datasheet
421Kb / 10P
CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD40257BE TI1-CD40257BE Datasheet
448Kb / 10P
CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
More results


Similar Description - CD40257B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
Jun-1989
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
Quad 1 of 2 Line Data Selector/Multiplexer
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
Quad 1 of 2 Line Data Selector/Multiplexer
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
Texas Instruments
CD40257B TI1-CD40257B_12 Datasheet
421Kb / 10P
CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD74ACT157M TI-CD74ACT157M Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
SN74LVC2G157 TI1-SN74LVC2G157_15 Datasheet
916Kb / 22P
Single 2-Line to 1-Line Data Selector Multiplexer
CD40257B TI1-CD40257B_14 Datasheet
448Kb / 10P
CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com