Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4093B Datasheet (PDF) - Texas Instruments

CD4093B Datasheet PDF - Texas Instruments
Part # CD4093B
Download  CD4093B Download
File Size   514.88 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER

CD4093B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4093B Datasheet PDF - Texas Instruments

Part # CD4093B
Download  CD4093B Click to download

File Size   514.88 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER

CD4093B Datasheet (HTML) - Texas Instruments


CD4093B Product details

Qualified for Automotive Applications
Schmitt-Trigger Action on Each Input With
No External Components
Hysteresis Voltage Typically 0.9 V at
VDD = 5 V and 2.3 V at VDD = 10 V
Noise Immunity Greater Than 50%
No Limit on Input Rise and Fall Times
Standardized, Symmetrical Output
Characteristics
100% Tested for Quiescent Current at 20 V
Maximum Input Current of 1A at 18 V Over
Full Package Temperature Range, 100 nA at
18 V and 25°C
5-V, 10-V, and 15-V Parametric Ratings
ESD Protection Level Per AEC-Q100
Classification
− 2000-V (H2) Human-Body Model
− 200-V (M3) Machine-Model
− 1000-V (C5) Charge-Device Model
Applications
− Wave and Pulse Shapers
− High-Noise-Environment Systems
− Monostable Multivibrators
− Astable Multivibrators
− NAND Logic

description/ordering information
The CD4093B consists of four Schmitt-trigger circuits. Each circuit functions as a two-input NAND gate, with
Schmitt-trigger action on both inputs. The gate switches at different points for positive- and negative-going
signals. The difference between the positive voltage (VP) and the negative voltage (VN) is defined as hysteresis
voltage (VH) (see Figure 2).
The CD4093B is available in 14-lead small-outline plastic package (M96) and 14-lead thin shrink small-outline
packages (PWR suffixes).




Similar Part No. - CD4093B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093B TI-CD4093B Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093B TI1-CD4093B Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
logo
Silicon Supplies
CD4093B SS-CD4093B Datasheet
693Kb / 6P
CMOS High Voltage Logic
CD4093B SS-CD4093B Datasheet
325Kb / 6P
CMOS High Voltage Logic
Rev 1.0 21/11/17
logo
Texas Instruments
CD4093B TI2-CD4093B Datasheet
1,023Kb / 21P
CMOS Quad 2-Input NAND Schmitt Triggers
Revised September 2003
More results


Similar Description - CD4093B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
CD4093B-Q1 TI1-CD4093B-Q1 Datasheet
312Kb / 11P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com