Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2510C Datasheet (PDF) - Texas Instruments

CDC2510C Datasheet PDF - Texas Instruments
Part # CDC2510C
Download  CDC2510C Download
File Size   531.2 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V PHASE-LOCK LOOP CLOCK DRIVER

CDC2510C Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC2510C Datasheet PDF - Texas Instruments

Part # CDC2510C
Download  CDC2510C Click to download

File Size   531.2 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V PHASE-LOCK LOOP CLOCK DRIVER

CDC2510C Datasheet (HTML) - Texas Instruments


CDC2510C Product details

Use CDCVF2510A as a Replacement for
this Device
Designed to Meet PC SDRAM Registered
DIMM Design Support Document Rev. 1.2
Spread Spectrum Clock Compatible
Operating Frequency 25 MHz to 125 MHz
Static tPhase Error Distribution at 66 MHz
to 100 MHz is ±150 ps
Drop-In Replacement for TI CDC2510A With
Enhanced Performance
Jitter (cyc − cyc) at 66 MHz to 100 MHz is
|100 ps|
Available in Plastic 24-Pin TSSOP
Phase-Lock Loop Clock Distribution for
Synchronous DRAM Applications
Distributes One Clock Input to One Bank of
Ten Outputs
External Feedback (FBIN) Terminal Is Used
to Synchronize the Outputs to the Clock
Input
On-Chip Series Damping Resistors
No External RC Network Required
Operates at 3.3 V

description
The CDC2510C is a high-performance, low-skew, low-jitter, phase-lock loop (PLL) clock driver. It uses a PLL
to precisely align, in both frequency and phase, the feedback (FBOUT) output to the clock (CLK) input signal.
It is specifically designed for use with synchronous DRAMs. The CDC2510C operates at VCC = 3.3 V . It also
provides integrated series-damping resistors that make it ideal for driving point-to-point loads.
One bank of ten outputs provides ten low-skew, low-jitter copies of CLK. Output signal duty cycles are adjusted
to 50 percent, independent of the duty cycle at CLK. All outputs can be enabled or disabled via a single output
enable input. When the G input is high, the outputs switch in phase and frequency with CLK; when the G input
is low, the outputs are disabled to the logic-low state.
Unlike many products containing PLLs, the CDC2510C does not require external RC networks. The loop filter
for the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDC2510C requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required, following power up and application
of a fixed-frequency, fixed-phase signal at CLK, and following any changes to the PLL reference or feedback
signals. The PLL can be bypassed for test purposes by strapping AVCC to ground.
The CDC2510C is characterized for operation from 0°C to 85°C.
For application information, see the High Speed Distribution Design Techniques for
CDC509/516/2509/2510/2516 (literature number SLMA003) and Using CDC2509A/2510A PLL with Spread
Spectrum Clocking (SSC) (literature number SCAA039) application reports.




Similar Part No. - CDC2510C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI1-CDC2510C Datasheet
687Kb / 17P
3.3V Phase- Lock Loop Clock Driver
CDC2510CPW TI-CDC2510CPW Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510CPW TI1-CDC2510CPW Datasheet
687Kb / 17P
3.3V Phase- Lock Loop Clock Driver
CDC2510CPWG4 TI1-CDC2510CPWG4 Datasheet
687Kb / 17P
3.3V Phase- Lock Loop Clock Driver
More results


Similar Description - CDC2510C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510A TI-CDC2510A Datasheet
308Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com