Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503PW.B Datasheet (PDF) - Texas Instruments

CDCS503PW.B Datasheet PDF - Texas Instruments
Part # CDCS503PW.B
Download  CDCS503PW.B Download
File Size   520.12 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Clock Buffer/Clock Multiplier With Optional SSC

CDCS503PW.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCS503PW.B Datasheet PDF - Texas Instruments

Part # CDCS503PW.B
Download  CDCS503PW.B Click to download

File Size   520.12 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Clock Buffer/Clock Multiplier With Optional SSC

CDCS503PW.B Datasheet (HTML) - Texas Instruments


CDCS503PW.B Product details

1FEATURES
· Part of a Family of Easy to use Clock
Generator Devices With Optional SSC
· Clock Multiplier With Selectable Output
Frequency and Selectable SSC
· SSC Controllable via 2 External Pins
– ±0%, ±0.5%, ±1%, ±2% Center Spread
· Frequency Multiplication Selectable Between
x1 or x4 With One External Control Pin
· Output Disable via Control Pin
· Single 3.3V Device Power Supply
· Wide Temperature Range –40°C to 85°C
· Low Space Consumption by 8 Pin TSSOP
Package

APPLICATIONS
· Consumer and Industrial Applications
requiring EMI reduction through Spread
Spectrum Clocking and/ or Clock
Multiplication

DESCRIPTION
The CDCS503 is a spread spectrum capable, LVCMOS Input Clock Buffer with selectable frequency
multiplication.
It shares major functionality with the CDCS502 but utilizes a LVCMOS input stage instead of the crystal input
stage of the CDCS502. Also an Output Enable pin has been added to the CDCS503.
The device accepts a 3.3V LVCMOS signal at the input.
The input signal is processed by a PLL, whose output frequency is either equal to the input frequency or
multiplied by the factor of 4.
The PLL is also able to spread the clock signal by ±0%, ±0.5%, ±1% or ±2% centered around the output clock
frequency with a triangular modulation.
By this, the device can generate output frequencies between 8MHz and 108MHz with or without SSC.
A separate control pin can be used to enable or disable the output. The CDCS503 operates in 3.3V environment.
It is characterized for operation from –40°C to 85°C, and available in an 8-pin TSSOP package.




Similar Part No. - CDCS503PW.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS503PW TI1-CDCS503PW Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503PWR TI1-CDCS503PWR Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
More results


Similar Description - CDCS503PW.B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
CLOCK MULTIPLIER
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com