Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD16406Q3.B Datasheet (PDF) - Texas Instruments

CSD16406Q3.B Datasheet PDF - Texas Instruments
Part # CSD16406Q3.B
Download  CSD16406Q3.B Download
File Size   441.19 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD16406Q3 N-Channel NexFET™ Power MOSFET

CSD16406Q3.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD16406Q3.B Datasheet PDF - Texas Instruments

Part # CSD16406Q3.B
Download  CSD16406Q3.B Click to download

File Size   441.19 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD16406Q3 N-Channel NexFET™ Power MOSFET

CSD16406Q3.B Datasheet (HTML) - Texas Instruments


CSD16406Q3.B Product details

1 Features
1• Ultra-Low Qg and Qgd
• Low Thermal Resistance
• Avalanche Rated
• Pb Free Terminal Plating
• RoHS Compliant
• Halogen Free
• SON 3.3 mm × 3.3 mm Plastic Package

2 Applications
• Point-of-Load Synchronous Buck Converter for
Applications in Networking, Telecom, and
Computing Systems
• Optimized for Control or Synchronous FET
Applications

3 Description
This 25 V, 4.2 mΩ, 3.3 mm × 3.3 mm SON
NexFET™ power MOSFET has been designed to
minimize losses in power conversion applications.
Top View




Similar Part No. - CSD16406Q3.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
385Kb / 13P
N-Channel NexFET Power MOSFET
logo
VBsemi Electronics Co.,...
CSD16406Q3 VBSEMI-CSD16406Q3 Datasheet
1,006Kb / 8P
N-Channel 30 V (D-S) MOSFET
logo
Texas Instruments
CSD16406Q3 TI1-CSD16406Q3_15 Datasheet
385Kb / 13P
N-Channel NexFET Power MOSFET
More results


Similar Description - CSD16406Q3.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
N-Channel NexFET??Power MOSFET
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
N-Channel NexFET Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com