Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17577Q3A Datasheet (PDF) - Texas Instruments

CSD17577Q3A Datasheet PDF - Texas Instruments
Part # CSD17577Q3A
Download  CSD17577Q3A Download
File Size   444.01 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD17577Q3A 30 V N-Channel NexFET™ Power MOSFET

CSD17577Q3A Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD17577Q3A Datasheet PDF - Texas Instruments

Part # CSD17577Q3A
Download  CSD17577Q3A Click to download

File Size   444.01 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD17577Q3A 30 V N-Channel NexFET™ Power MOSFET

CSD17577Q3A Datasheet (HTML) - Texas Instruments


CSD17577Q3A Product details

1 Features
1• Low Qg and Qgd
• Low Thermal Resistance
• Avalanche Rated
• Pb Free
• RoHS Compliant
• Halogen Free
• SON 3.3 mm × 3.3 mm Package

2 Applications
• Point-of-Load Synchronous Buck in Networking,
Telecom, and Computing Systems
• Optimized for Control, and Sync FET Applications

3 Description
This 30 V, 4.0 mΩ, SON 3.3 mm × 3.3 mm
NexFET™ power MOSFET is designed to minimize
resistance in power conversion applications.




Similar Part No. - CSD17577Q3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17577Q3A TI1-CSD17577Q3A Datasheet
388Kb / 13P
N-Channel NexFET Power MOSFET
CSD17577Q3AT TI1-CSD17577Q3AT Datasheet
388Kb / 13P
N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q3A TI1-CSD17577Q3A_16 Datasheet
388Kb / 13P
N-Channel NexFET Power MOSFET
More results


Similar Description - CSD17577Q3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
30-V, N-Channel NexFET Power MOSFETs
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
30-V, N-Channel NexFET Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
30-V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com